Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC39J84IAAVR Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # DAC39J84IAAVR
Description  DAC39J84 Quad-Channel, 16-Bit, 2.8 GSPS, Digital-to-Analog Converter with 12.5 Gbps JESD204B Interface
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC39J84IAAVR Datasheet(HTML) 23 Page - Texas Instruments

Back Button DAC39J84IAAVR Datasheet HTML 19Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 20Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 21Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 22Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 23Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 24Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 25Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 26Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 146 page
background image
fDAC (MSPS)
800
1050
1300
1550
1800
2050
2300
2550
2800
20
25
30
35
40
45
D001
fDAC (MSPS)
1300
1550
1800
2050
2300
2550
2800
100
105
110
115
120
D001
fDAC (MSPS)
800
1050
1300
1550
1800
2050
2300
2550
2800
250
350
450
550
650
750
850
950
D001
fDAC (MSPS)
800
1050
1300
1550
1800
2050
2300
2550
2800
200
225
250
275
300
D001
fDAC (MSPS)
800
1050
1300
1550
1800
2050
2300
2550
2800
7
8
9
10
11
12
13
14
15
16
17
18
D001
fDAC (MSPS)
800
1050
1300
1550
1800
2050
2300
2550
2800
20
30
40
50
60
70
80
90
100
D001
DAC39J84
www.ti.com
SLASE48A – NOVEMBER 2014 – REVISED JANUARY 2015
Typical Characteristics (continued)
Unless otherwise noted, all plots are at TA = 25°C, VDDDAC09, VDDCLK09, VDDDIG09 and VDDT09 are at 0.9V, other
supplies are at nominal supply voltages, fDAC = 2800MSPS, 4x interpolation, 0dBFS digital input, 20mA full scale output
current with 2:1 transformer, LMF = 841 and PLL is disabled.
Figure 31. VDDDAC Current vs fDAC
Figure 32. VDDCLK Current vs fDAC
Figure 33. VDDDIG Current vs fDAC
Figure 34. VDDT Current vs fDAC
Figure 35. VDDR Current vs fDAC
Figure 36. VDDADAC Current vs fDAC
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Links: DAC39J84



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com