Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC39J84IAAVR Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # DAC39J84IAAVR
Description  DAC39J84 Quad-Channel, 16-Bit, 2.8 GSPS, Digital-to-Analog Converter with 12.5 Gbps JESD204B Interface
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC39J84IAAVR Datasheet(HTML) 22 Page - Texas Instruments

Back Button DAC39J84IAAVR Datasheet HTML 18Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 19Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 20Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 21Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 22Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 23Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 24Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 25Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 146 page
background image
Output Frequency (MHz)
0
50
100
150
200
250
300
350
400
450
500
60
70
80
90
100
D001
PLL off
PLL on
Output Frequency (MHz)
0
100
200
300
400
500
600
700
800
900
40
50
60
70
80
90
100
110
D001
Channel A&B to Channel C&D
Channel C&D to Channel A&B
Output Frequency (MHz)
0
100
200
300
400
500
600
700
60
70
80
90
100
D001
fDAC = 2800MSPS
fDAC = 2457.6MSPS
fDAC = 1966.08MSPS
fDAC = 1474.56MSPS
Output Frequency (MHz)
0
50
100
150
200
250
300
350
400
450
500
50
60
70
80
90
D001
PLL off
PLL on
Output Frequency (MHz)
0
50
100
150
200
250
300
350
400
450
500
130
140
150
160
170
D001
PLL off
PLL on
Output Frequency (MHz)
0
100
200
300
400
500
600
700
40
50
60
70
80
90
100
D001
fDAC = 2800MSPS
fDAC = 2457.6MSPS
fDAC = 1966.08MSPS
fDAC = 1474.56MSPS
DAC39J84
SLASE48A – NOVEMBER 2014 – REVISED JANUARY 2015
www.ti.com
Typical Characteristics (continued)
Unless otherwise noted, all plots are at TA = 25°C, VDDDAC09, VDDCLK09, VDDDIG09 and VDDT09 are at 0.9V, other
supplies are at nominal supply voltages, fDAC = 2800MSPS, 4x interpolation, 0dBFS digital input, 20mA full scale output
current with 2:1 transformer, LMF = 841 and PLL is disabled.
fref = fDAC/4, M = 32, N = 8, Prescaler = 2 for PLL On,
Single Carrier WCDMA
fDAC=2500MSPS, 2x interpolation.
Figure 26. ACLR (Adjacent Channel) vs Output Frequency
Figure 25. NSD vs Output Frequency Over Clocking Options
Over fDAC
Single Carrier WCDMA; fref = fDAC/4, M = 32, N = 8, Prescaler = 2 for
Single Carrier WCDMA
PLL On, fDAC=2500MSPS, 2x interpolation.
Figure 27. ACLR (Alternate Channel) vs Output Frequency
Figure 28. ACLR (Adjacent Channel) vs Output Frequency
Over fDAC
Over Clocking Options
Single Carrier WCDMA; fref = fDAC/4, M = 32, N = 8, Prescaler = 2
Between Channel AB pair and CD pair
for PLL On, fDAC=2500MSPS, 2x interpolation.
Figure 29. ACLR (Alternate Channel) vs Output Frequency
Figure 30. Channel Isolation
Over Clocking Options
22
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: DAC39J84



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com