Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC39J84IAAVR Datasheet(PDF) 92 Page - Texas Instruments

Click here to check the latest version.
Part # DAC39J84IAAVR
Description  DAC39J84 Quad-Channel, 16-Bit, 2.8 GSPS, Digital-to-Analog Converter with 12.5 Gbps JESD204B Interface
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC39J84IAAVR Datasheet(HTML) 92 Page - Texas Instruments

Back Button DAC39J84IAAVR Datasheet HTML 88Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 89Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 90Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 91Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 92Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 93Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 94Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 95Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 96Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 146 page
background image
DAC39J84
SLASE48A – NOVEMBER 2014 – REVISED JANUARY 2015
www.ti.com
7.5.1.50 config49 Register – Address: 0x31, Default: 0x0000
Figure 131. config49 Register Format
15
14
13
12
11
10
9
8
lockdet_ adj
pll_reset
pll_
pll_ena
pll_cp
ndivsync_ena
7
6
5
4
3
2
1
0
pll_n
memin_pll_lfvolt
Table 80. config49 Register Field Descriptions
Register
Addr
Default
Bit
Name
Function
Name
(Hex)
Value
config49
0x31
15:13
lockdet_ adj
Adjusts the sensitivity of the DAC PLL lock detector; 4 settings from 000
000
to 011. The 011 setting has the widest lock detection window, tolerating
more jitter while reporting a lock. The 000 setting has a narrow window
and will indicate an unlocked state more often.
12
pll_reset
When set, the M divider, N divider and PFD are held reset.
0
11
pll_ ndivsync_ena When on, the SYSREF input is used to sync the N dividers of the PLL.
0
10
pll_ena
Enables the PLL output as the DAC clock when set; the clock provided at
0
the DACCLKP/N is used as the PLL reference clock. When cleared, the
FUSE
PLL is bypassed and the clock provided at the DACCLKP/N pins is used
controlled
as the DAC clock
9:8
pll_cp
Must be set to 00 for proper PLL operation
00
7:3
pll_n
Reference clock divider; divide by is N+1
00000
2:0
memin_pll_lfvolt
Indicates the loop filter voltage; 111 is max, 000 is min. When the PLL is
000
correctly programmed, this will read 011 or 100 for a centered loop filter
READ
voltage.
ONLY
7.5.1.51 config50 Register – Address: 0x32, Default: 0x0000
Figure 132. config50 Register Format
15
14
13
12
11
10
9
8
PLL_M
7
6
5
4
3
2
1
0
PLL_P
reserved
Table 81. config50 Register Field Descriptions
Register
Addr
Default
Bit
Name
Function
Name
(Hex)
Value
config50
0x32
15:8
PLL_M
VCO feedback divider; divide by is M+1
00000000
7:4
PLL_P
VCO prescaler divider;
0000
0000 : div by 2
0001 : div by 3
0010 : div by 4
0011 : div by 5
0100 : div by 6
0101 : div by 7
0110 : div by 8
0111 : div by 9
1000 : div by 4
1001 : div by 6
1010 : div by 8
1011 : div by 10
1100 : div by 12
3:0
reserved
Reserved
0000
92
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: DAC39J84



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com