Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC39J84IAAVR Datasheet(PDF) 60 Page - Texas Instruments

Click here to check the latest version.
Part # DAC39J84IAAVR
Description  DAC39J84 Quad-Channel, 16-Bit, 2.8 GSPS, Digital-to-Analog Converter with 12.5 Gbps JESD204B Interface
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC39J84IAAVR Datasheet(HTML) 60 Page - Texas Instruments

Back Button DAC39J84IAAVR Datasheet HTML 56Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 57Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 58Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 59Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 60Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 61Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 62Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 63Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 64Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 146 page
background image
DACCLKP
N
Divider
PFD &
CP
DACCLKN
Internal Loop
Filter
External Loop
Filter
VCO
Prescaler
M
Divider
DACCLK
REFCLK
DAC39J84
SLASE48A – NOVEMBER 2014 – REVISED JANUARY 2015
www.ti.com
Device Functional Modes (continued)
The bypass mode is selected by setting the following:
1. pll_ena bit in register config49 to “0” to bypass the PLL circuitry.
2. pll_sleep bit in register config26 to “1” to put the PLL and VCO into sleep mode.
7.4.1.2 PLL Mode
In this mode the clock at the DACCLK input functions as a reference clock source to the on-chip PLL. The on-
chip PLL will then multiply this reference clock to supply a higher frequency DAC cores clock. Figure 79 shows
the block diagram of the PLL circuit, where N divider ratio ranges from 1 to 32, M divider ratio ranges from 1 to
256, and VCO prescaler divider from 2 to 18.
Figure 79. PLL Block Diagram
The DAC39J84 PLL mode is selected by setting the following:
1. pll_ena bit in register config49 to “1” to route to the PLL and clock path.
2. pll_sleep bit in register config26 to “0” to enable the PLL and VCO.
The output frequency of the VCO covers two frequency spans: H-band (4.44–5.6GHz) and L-band
(3.7–4.66GHz). When pll_vcosel in register config51 is “1”, the L-band is selected; when pll_vcosel is “0”, the
H-band is selected. At each band, the VCO range can be further adjusted by using the 6-bits pll_vco in register
config51. Figure 80 shows a typical relationship between the PLL VCO coarse tuning bits pll_vco and the VCO
center frequency. The corresponding equations for the H-band and L-band VCO are given in Equation 1 and
Equation 2, respectively. Note that It is recommended to shift pll_vco by +1 to guarantee the VCO operation at
hot temp environment. In case of cold temp environment, shift by -1 on the variable pll_vco is recommended.
H-Band: VCO Frequency (MHz) = 0.10998*pll_vco
2+10.574*pll_vco+4446.3,
(1)
where pll_vcosel = "0" and pll_vcoitune = "11".
L-Band: VCO Frequency (MHz) = 0.089703*pll_vco
2+8.8312*pll_vco+3752.5,
(2)
where pll_vcosel = "1" and pll_vcoitune = "10".
60
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: DAC39J84



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com