Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC39J84IAAVR Datasheet(PDF) 97 Page - Texas Instruments

Click here to check the latest version.
Part # DAC39J84IAAVR
Description  DAC39J84 Quad-Channel, 16-Bit, 2.8 GSPS, Digital-to-Analog Converter with 12.5 Gbps JESD204B Interface
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC39J84IAAVR Datasheet(HTML) 97 Page - Texas Instruments

Back Button DAC39J84IAAVR Datasheet HTML 93Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 94Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 95Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 96Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 97Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 98Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 99Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 100Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 101Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 146 page
background image
DAC39J84
www.ti.com
SLASE48A – NOVEMBER 2014 – REVISED JANUARY 2015
7.5.1.62 config61 Register – Address: 0x3D, Default: 0x0000
Figure 143. config61 Register Format
15
14
13
12
11
10
9
8
reserved
rw_cfgrx0
7
6
5
4
3
2
1
0
rw_cfgrx0
Table 92. config61 Register Field Descriptions
Register
Addr
Default
Bit
Name
Function
Name
(Hex)
Value
config61
0x3D
15
reserved
Reserved
0
14:0
rw_cfgrx0
Upper 15 bits of the configuration info for SerDes receivers.
000000000000000
Bit14:12
TESTPATT, Enables and selects verification of one of three
PRBS patterns, a user defined pattern or a clock test pattern.
Bit11
reserved
Bit10
reserved
Bit9:8
reserved
Bit7
ENOC, enable samplers offset compensation.
Bit6
EQHLD, hold the equalizer in its current status.
Bit5:3
EQ, enable and configure the equalizer to compensate the
loss in the transmission media.
Bit2:0
CDR, configure the clock/data recovery algorithm.
7.5.1.63 config62 Register – Address: 0x3E, Default: 0x0000
Figure 144. config62 Register Format
15
14
13
12
11
10
9
8
rw_cfgrx0
7
6
5
4
3
2
1
0
rw_cfgrx0
Table 93. config62 Register Field Descriptions
Register
Addr
Default
Bit
Name
Function
Name
(Hex)
Value
config62
0x3E
15:0
rw_cfgrx0
Lower 16 bits of the configuration info for SerDes receivers.
0x0000
Bit15:13
– LOS, enable loss of signal detection.
Bit12:11
– reserved.
Bit10:8
– TERM, select input termination options for serial lanes.
Note: AC coupling is recommended for JESD204B compliance.
Bit7
– reserved
Bit6:5
– RATE, operating rate, select full, half, quarter or eighth rate operation.
Bit4:2
– BUSWIDTH, select the parallel interface width (16 bit or 20bit). "010" -
20-bit; "011" - 16-bit
Note: 16bit is not compatible with JESD204B.
Bit1
SLEEPRX, powers the receiver down into sleep (fast power up) state
when high.
Bit0
– reserved.
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
97
Product Folder Links: DAC39J84



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com