Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC39J84IAAVR Datasheet(PDF) 53 Page - Texas Instruments

Click here to check the latest version.
Part # DAC39J84IAAVR
Description  DAC39J84 Quad-Channel, 16-Bit, 2.8 GSPS, Digital-to-Analog Converter with 12.5 Gbps JESD204B Interface
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC39J84IAAVR Datasheet(HTML) 53 Page - Texas Instruments

Back Button DAC39J84IAAVR Datasheet HTML 49Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 50Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 51Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 52Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 53Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 54Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 55Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 56Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 146 page
background image
DAC39J84
www.ti.com
SLASE48A – NOVEMBER 2014 – REVISED JANUARY 2015
Table 22. ws_tuning Chain
FIELD
DESCRIPTION
HEAD (STARTING FROM THE MSB OF CHAIN)
RETIME
No function.
RECEIVER (FOR EACH LANE 0,1,2,3)
PATTERRTHR[2:0]
Resync error threshold.
PATT TIMER
PRBS Timer.
RXDSEL[3:0]
Status select.
ENCOR
Enable clear-on-read for error counter.
EQZERO[4:0]
EQZ OVRi Equalizer zero.
EQZ OVR
Equalizer zero over-ride.
EQLEVEL[15:0]
EQ OVRi Equalizer gain observe or set.
EQ OVR
Equalizer over-ride.
EQBOOST[1:0]
Equalizer gain boost.
RXASEL[2:0]
Selects amux output.
TAIL (ENDING WITH THE LSB OF CHAIN)
ASEL[3:0]
Selects amux output.
USR PATT[19:0]
User-defined test pattern.
RETIME
No function.
CHAIN LENGTH = 174 BITS
Table 23. ws_char Chain
FIELD
DESCRIPTION
HEAD (STARTING FROM THE MSB OF CHAIN)
RETIME
No function.
RECEIVER (FOR EACH LANE 0,1,2,3)
TESTFAIL
Test failure (sticky).
ECOUNT[11:0]
Error counter.
ESWORD[7:0]
Eye scan word masking.
ES[3:0]
Eye scan.
ESPO[6:0]
Eye scan phase offset.
ES BIT SELECT[4:0]
Eye scan compare bit select.
ESVO[5:0]
Eye scan voltage offset.
ESVO OVR
Eye scan voltage offset override.
ESLEN[1:0]
Eye scan run length.
ESRUN
Eye scan run.
ESDONE
Eye scan done.
TAIL (ENDING WITH THE LSB OF CHAIN)
RETIME
No function.
CHAIN LENGTH = 194 BITS
7.3.20 Error Counter
All receive channels include a 12-bit counter for accumulating pattern verification errors. This counter is
accessible via the ECOUNT IEEE1500 Char field. It is an essential part of the eye scan capability (see next
section), though can be used independently of this..
The counter increments once for every cycle that the TESTFAIL bit is detected. The counter will not increment
when at its maximum value (i.e., all 1s). When an IEEE1500 capture is performed, the count value is loaded into
the ECOUNT scan elements (so that it can be scanned out), and the counter is then reset, provided ENCOR is
set high.
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
53
Product Folder Links: DAC39J84



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com