Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC39J84IAAVR Datasheet(PDF) 98 Page - Texas Instruments

Click here to check the latest version.
Part # DAC39J84IAAVR
Description  DAC39J84 Quad-Channel, 16-Bit, 2.8 GSPS, Digital-to-Analog Converter with 12.5 Gbps JESD204B Interface
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC39J84IAAVR Datasheet(HTML) 98 Page - Texas Instruments

Back Button DAC39J84IAAVR Datasheet HTML 94Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 95Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 96Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 97Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 98Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 99Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 100Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 101Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 102Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 146 page
background image
DAC39J84
SLASE48A – NOVEMBER 2014 – REVISED JANUARY 2015
www.ti.com
7.5.1.64 config63 Register – Address: 0x3F, Default: 0x0000
Figure 145. config63 Register Format
15
14
13
12
11
10
9
8
Not Used
7
6
5
4
3
2
1
0
INVPAIR
Table 94. config63 Register Field Descriptions
Register
Addr
Default
Bit
Name
Function
Name
(Hex)
Value
config63
0x3F
15:8
Not Used
Not Used
0x00
7:0
INVPAIR
Allows the PN pairs of the SerDes lanes to be inverted.
0x00
bit7 = lane7
bit6 = lane6
bit5 = lane5
bit4 = lane4
bit3 = lane3
bit2 = lane2
bit1 = lane1
bit0 = lane0
7.5.1.65 config64 Register – Address: 0x40, Default: 0x0000
Figure 146. config64 Register Format
15
14
13
12
11
10
9
8
reserved
7
6
5
4
3
2
1
0
reserved
Table 95. config64 Register Field Descriptions
Register
Addr
Default
Bit
Name
Function
Name
(Hex)
Value
config64
0x40
15:0
reserved
Reserved
0x0000
7.5.1.66 config65 Register – Address: 0x41, Default: 0x0000
Figure 147. config65 Register Format
15
14
13
12
11
10
9
8
errorcnt_ link0
7
6
5
4
3
2
1
0
errorcnt_ link0
Table 96. config65 Register Field Descriptions
Register
Addr
Default
Bit
Name
Function
Name
(Hex)
Value
config65
0x41
15:0
errorcnt_ link0
This is the error count for link0. What is counted as an error is determined
0x0000
by error_ena_link0. This is a 16bit value that is cleared when a JESD
READ
synchronization is performed or err_cnt_clr_link0 is programmed to a ‘1’.
ONLY
98
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: DAC39J84



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com