| Electronic Components Datasheet Search |
|
CP3SP33SMS/NOPB Datasheet(PDF) 16 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
CP3SP33SMS/NOPB Datasheet(HTML) 16 Page - Texas Instruments |
|
16 / 407 page ![]() CP3SP33 SNOSCW5 – MAY 2013 www.ti.com Table 4-1. CP3SP33 Signal Descriptions (continued) ALTERNATE NAME PINS I/O PRIMARY FUNCTION I/O ALTERNATE FUNCTION NAME Microwire/SPI 0 Master In Slave PE9 1 I/O Generic I/O MDIDO0 I/O Out Microwire/SPI 0 Master Out PE10 1 I/O Generic I/O MDODI0 I/O Slave In Microwire/SPI 0 Slave Select MWCS0 I/O Input PE11 1 I/O Generic I/O TIO0_7 I/O Versatile Timer Unit 0 Input 7 SCL0 I/O ACCESS.bus 0 Clock PE12 1 I/O Generic I/O TIO0_5 I/O Versatile Timer Unit 0 Input 5 IDPULLUP Output USB OTG ID Pullup Enable PE13 1 I/O Generic I/O TIO1_1 I/O Versatile Timer Unit 1 Input 6 DRVVBUS Output USB OTG VBUS Driver Enable PE14 1 I/O Generic I/O TIO1_3 I/O Versatile Timer Unit 1 Input 3 IDDIG Input USB OTG ID Input PE15 1 I/O Generic I/O TIO1_5 I/O Versatile Timer Unit 1 Input 5 RF Interface Frequency PF0 1 I/O Generic I/O RFSYNC Output Correlation/DC Compensation Output PF1 1 I/O Generic I/O SCLK Output RF Interface Shift Clock Output PF2 1 I/O Generic I/O SDAT I/O RF Interface Data PF3 1 I/O Generic I/O SLE Output RF Interface Load Enable PF4 1 I/O Generic I/O BTSEQ1 Output Bluetooth Sequencer Status PF5 1/0 I/O Generic I/O BTSEQ2 Output Bluetooth Sequencer Status PF6 1/0 I/O Generic I/O BTSEQ3 Output Bluetooth Sequencer Status ASYNC Input ADC External Start Trigger PF7 1/0 I/O Generic I/O TB0 Input Multi-Function Timer 0 Port B RXD1 Input UART 1 Receive Data Input PF8 1 I/O Generic I/O TIO0_4 I/O Versatile Timer Unit 0 Input 4 PF9 1 I/O Generic I/O TXD1 Output UART 1 Transmit Data Output RTS1 Output UART 1 Ready-To-Send Output PF10 1 I/O Generic I/O TIO0_6 I/O Versatile Timer Unit 6 Input 6 PF11 1 I/O Generic I/O CTS1 Input UART 1 Clear-To-Send Input RXD2 Input UART 2 Receive Data Input PF12 1/0 I/O Generic I/O TIO0_8 I/O Versatile Timer Unit 0 Input 8 PF13 1/0 I/O Generic I/O TXD2 Output UART 2 Transmit Data Output RTS2 Output UART 2 Ready-To-Send Output PF14 1/0 I/O Generic I/O TIO1_2 I/O Versatile Timer Unit 1 Input 2 PF15 1/0 I/O Generic I/O CTS2 Input UART 2 Clear-To-Send Input PG0 1 I/O Generic I/O I2SCLK I/O I2S Serial Clock PG1 1 I/O Generic I/O I2SWS I/O I2S Word Select PG2 1 I/O Generic I/O I2SSDI Input I2S Serial Data Input PG3 1 I/O Generic I/O I2SSDO Output I2S Serial Data Output PG4 1/0 I/O Generic I/O MSK1 I/O Microwire/SPI 1 Shift Clock Microwire/SPI 1 Master In Slave PG5 1/0 I/O Generic I/O MDIDO1 I/O Out Microwire/SPI 1 Master Out PG6 1/0 I/O Generic I/O MDODI1 I/O Slave In 16 Signal Descriptions Copyright © 2013, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Links :CP3SP33 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |