Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CP3SP33SMS/NOPB Datasheet(PDF) 50 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 50 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 46Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 47Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 48Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 49Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 50Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 51Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 52Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 53Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 54Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 407 page
background image
CP3SP33
SNOSCW5 – MAY 2013
www.ti.com
10.4.3 Mask Register n (SMSKRn)
The SMSKRn registers are 32-bit, read/write registers that specify timing parameters, memory type, and
memory size for the chip selects. At reset, the SMSKR0 register is initialized to 0000 0028h, SMSKR1 is
initialized to 0000 0128h, and SMSKR2 is initialized to 0000 0229h. The register format is shown below.
31
11M M10
8M M7
5M M4
0M
Reserved
REG_SEL
MEM_TYPE
MEM_SIZE
MEM_SIZE
The Memory SIze field specifies the size of the external memory device. Values of 12h to
1Fh are reserved.
00000 – No memory connected.
00001 – 64K bytes.
00010 – 128K bytes.
00011 – 256K bytes.
00100 – 512K bytes.
00101 – 1M bytes.
00110 – 2M bytes.
00111 – 4M bytes.
01000 – 8M bytes.
01001 – 16M bytes.
01010 – 32M bytes.
01011 – 64M bytes.
01100 – 128M bytes.
01101 – 256M bytes.
01110 – 512M bytes.
01111 – 1G bytes.
10000 – 2G bytes.
10001 – 4G bytes
MEM_TYPE
The Memory Type field specifies the type of external memory device.
000 – Reserved.
001 – RAM.
010 – Flash memory.
011 – ROM.
REG_SEL
The Register Select field specifies timing parameters in one of the three SMTMGR_SETn
registers to be used with the external memory device.
000 – SMTMGR_SET0 register.
001 – SMTMGR_SET1 register.
010 – SMTMGR_SET2 register.
50
External Bus Interface Unit
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com