Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CP3SP33SMS/NOPB Datasheet(PDF) 93 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 93 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 89Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 90Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 91Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 92Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 93Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 94Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 95Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 96Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 97Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 407 page
background image
Power Up
Power Down
Core VCC
DS516
IOVCC
Main
Clock
RESET
2.97V
1.62V
CP3SP33
www.ti.com
SNOSCW5 – MAY 2013
2. The RESET pin must then be held low until the Main Clock is stopped. The Main Clock will decay with
the same profile as IOVCC.
Meeting the power-down reset conditions ensures that software will not be executed at voltage levels that
may cause incorrect program execution or corruption of the flash memories. This situation must be
avoided because the Main Clock decays with the IOVCC supply rather than stopping immediately when
IOVCC falls below the minimum specified level.
The external reset circuits presented in the following sections provide varying levels of additional fault
tolerance and expandability and are presented as possible examples of solutions to be used with the
CP3SP33. It is important to note, however, that any design for the reset circuit and power supply must
meet the timing requirements shown in Figure 15-1.
Figure 15-1. Power-On Reset Timing
15.2.1 Simple External Reset
A simple external reset circuit with brown-out and glitch protection based on the LM809 3-Pin
Microprocessor Reset Circuit is shown in Figure 15-2. The LM809 produces a 240-ms logic low reset
pulse when the power supply rises above a threshold voltage. Various reset thresholds are available for
the LM809, however the options for 2.93V and 3.08V are most suitable for a CP3SP33 device operating
from an IO-VCC at 3.0V to 3.3V.
Copyright © 2013, Texas Instruments Incorporated
Reset
93
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com