Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CP3SP33SMS/NOPB Datasheet(PDF) 44 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 44 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 40Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 41Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 42Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 43Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 44Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 45Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 46Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 47Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 407 page
background image
CP3SP33
SNOSCW5 – MAY 2013
www.ti.com
10 External Bus Interface Unit
The External Bus Interface Unit (EBIU) provides a memory bus interface that supports three types of
external memory:
•
Asynchronous RAM
•
Page-Mode Flash Memory
•
ROM
Because the CP3SP33 does not have on-chip non-volatile memory, the EBIU is typically used to add at
least one non-volatile memory device for holding the boot code. The EBIU provides programmable chip
select outputs XCSn for two or three memory devices, depending on package type. The memory type,
base address, width (8, 16, or 32 bits), size, and timing are independently programmable for each of the
memory devices.
The physical address space available on the external bus does not occupy a fixed location in the address
space of the CPU or Teak on-chip 32-bit buses. The location(s) are programmable in the EBIU registers.
The EBIU asserts a chip select to an external memory device when an on-chip bus uses a region of its
address space mapped to an external memory device. There are two regions in the on-chip bus address
space which are available for external devices:
•
0002 0000h to 00FE FFFFh—a 16M-byte space, minus a 128K space at the bottom and a 64K space
at the top
•
0100 0000h to 0FFF FFFFh—a 240M-byte space (256M, minus a 16M space at the bottom)
The EBIU does not relocate the address passed from the on-chip AHB buses to the external bus. The
mapping only affects activation of the chip select signals. Any of the chip selects may be configured for
either of two regions.
10.1 External Bus Signals
There are 6 types of bus signals. The number of signals varies with the package type, as shown in
Table 10-1.
Table 10-1. External Bus Signals
PACKAGE PIN COUNT
NAME
DESCRIPTION
FBGA-224
FBGA-144
XAn
23
21
Address Bus
XDn
32
16
Data Bus
XWE
1
1
Write Enable
XOE
1
1
Output Enable
XBEn
4
2
Byte Enables
XCSn
3
2
Chip Selects
The byte order is little-endian (LSB at lowest address). The EBIU shifts the address to correspond to the
width of the external memory device, so the XA address may be either a byte, word, or doubleword
address. Mixing of memory types is allowed.
10.2 Default Memory Configuration
The default configuration after reset for the external memory devices is shown in Table 10-2. Booting from
an 8-bit external memory is not supported.
The cycle times are quoted in HCLK Clock periods. By default, the HCLK Clock frequency following reset
is the input clock frequency (X1CLKI/X1CLKO or CLKIN) divided by 16.
44
External Bus Interface Unit
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com