Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT9072AB Datasheet(PDF) 143 Page - Zarlink Semiconductor Inc

Part # MT9072AB
Description  Octal T1/E1/J1 Framer
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT9072AB Datasheet(HTML) 143 Page - Zarlink Semiconductor Inc

Back Button MT9072AB Datasheet HTML 139Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 140Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 141Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 142Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 143Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 144Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 145Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 146Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 147Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 275 page
background image
MT9072
Data Sheet
143
Zarlink Semiconductor Inc.
Bit
Name
Functional Description
15 - 4
#
not used.
3RA(n) Receive Signaling Bits A for Channel n. Where signaling is enabled, these bits are received in
bit position 8 of the 6th DS1 frame (within the 12 frame superframe structure for D4 superframes
and the 24 frame structure for ESF superframes).This data can be overwritten by the microport
for trunk conditioning applications.
2RB(n) Receive Signaling Bits B for Channel n. Where signaling is enabled, these bits are received in
bit position 8 of the 12th DS1 frame (within the 12 frame superframe structure for D4
superframes and the 24 frame structure for ESF superframes).This data can be overwritten by
the microport for trunk conditioning applications.
1RC(n) Receive Signaling Bits C for Channel n. Where signaling is enabled, these bits are transmitted
in bit position 8 of the 18th DS1 frame within the 24 frame structure for ESF superframes. In D4
mode these bits are unused.This data can be overwritten by the microport for trunk conditioning
applications
0RD(n) Receive Signaling Bits D for Channel n. Where signaling is enabled, these bits are transmitted
in bit position 8 of the 24th DS1 frame within the 24 frame structure for ESF superframes. In D4
mode these bits are unused.This data is obtained from the CSTi interface but can be overwritten
via the Micro port for trunk conditioning applications.This data can be overwritten by the
microport for trunck conditioning applications.
Table 110 - Per Channel Receive Signaling Y70-Y87 (T1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com