Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H5GQ2H24AFR-R0C Datasheet(PDF) 38 Page - Hynix Semiconductor

Part # H5GQ2H24AFR-R0C
Description  2Gb (64Mx32) GDDR5 SGRAM
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5GQ2H24AFR-R0C Datasheet(HTML) 38 Page - Hynix Semiconductor

Back Button H5GQ2H24AFR-R0C Datasheet HTML 34Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 35Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 36Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 37Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 38Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 39Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 40Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 41Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 42Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 172 page
background image
This document is a general product description and is subject to change without notice. Hynix Semiconductor does not assume any
responsability for use of circuits described. No patent licenses are implied.
Rev. 1.2 /Nov. 2011
38
H5GQ2H24AFR
 3.5. WRITE TRAINING
Write training allows the memory controller to find the data‐eye center (symbol training) and burst frame 
location (frame training) for each high‐speed input of the GDDR5 SGRAM. Each pin (DQ0‐DQ31, DBI0#‐
DBI3#) can be individually trained during this sequence.
For Write Training the following conditions must be true:
•at least one bank is active, or an auto refresh must be in progress and bit A2 in Mode Register 5 (MR5) is set to 0 to 
allow training during auto refresh (to disable this special REF enabling of the WCK clock tree an ACT command 
must be issued, or the device must be set into power‐down or self refresh mode)
•the PLL must be locked, if enabled.
•WCK2CK training should be complete
• Read training should be complete
•RDBI and WDBI must be enabled prior to and during Write Training if the training shall include the DBI# pins. 
RDCRC and WRCRC must be enabled prior to and during Write Training if the training shall include the EDC 
pins.
The following commands are associated with Write Training:
•WRTR to write a burst of data directly into the Read FIFO;
•RDTR to read a burst of data directly out of the Read FIFO.
Neither WRTR nor RDTR access the memory core. No MRS is required to enter Write Training.
Figure 16 shows an example of the internal data paths used with WRTR and RDTR. Figure 21 shows a typ‐
ical Write training command sequence using WRTR and RDTR. Table 14 lists AC timing parameters asso‐
ciated with WRITE Training.
Table 14   WRTR and RDTR Timings 
PARAMETER
SYMBOL
VALUES
UNIT
NOTES
MIN
MAX
ACTIVE to WRTR command delay
tRCDWTR
10
ns
ACTIVE to RDTR command delay
tRCDRTR
10
ns
REFRESH to RDTR or WRTR command delay
tREFTR
10
ns
RD/WR bank A to RD/WR bank B command delay 
different bank groups
tCCDS
2–
tCK
a
a.
tCCDS is either for gapless consecutive READ or RDTR (any combination), gapless consecutive WRITE, or gapless consecutive
          WRTR commands.
WRTR to RDTR command delay
tWTRTR
WL+BL/4+1
-tWLmin
–tCK
c
WRITE to WRTR command delay
tWRWTR
WL+CRCWL+2
tCK
READ or RDTR to WRITE or WRTR command delay
tRTW
CL+BL/4+2‐WL
tCK
b
b.
tRTW is not a device limit but determined by the system bus turnaround time. The difference between tWCK2DQO and tWCK2DQI 
          shall be considered in the calculation of the bus turnaround time.
c.     
tWTRTR is Internal WRTR to External RDTR command delay. (Figure 21). 
        In case, External WRTR to External RDTR command delay time is “WL+(WL+BL/4+1‐tWLmin)”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com