Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H5GQ2H24AFR-R0C Datasheet(PDF) 52 Page - Hynix Semiconductor

Part # H5GQ2H24AFR-R0C
Description  2Gb (64Mx32) GDDR5 SGRAM
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5GQ2H24AFR-R0C Datasheet(HTML) 52 Page - Hynix Semiconductor

Back Button H5GQ2H24AFR-R0C Datasheet HTML 48Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 49Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 50Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 51Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 52Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 53Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 54Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 55Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 56Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 172 page
background image
This document is a general product description and is subject to change without notice. Hynix Semiconductor does not assume any
responsability for use of circuits described. No patent licenses are implied.
Rev. 1.2 /Nov. 2011
52
H5GQ2H24AFR
 4.5. MODE REGISTER 4 (MR4)
Mode  Register  4  defines  the  Error  Detection  Code  (EDC)  features  of  GDDR5  SGRAMs  as  shown  in 
Figure 28.
The register is programmed via the MODE REGISTER SET (MRS) command with BA0=0, BA1=0, BA2=1 
and BA3=0. Bits A0‐A3 (EDC Hold Pattern) of this register are initialized with ’1111’.
Figure 28. Mode Register 4 (MR4) Definition
EDC Hold pattern / EDC13 Invert
The 4‐bit EDC hold pattern is considered a background pattern transmitted on the EDC pins. The register 
is initialized with all ’1’s. The pattern is shifted from right to left and repeated with every clock cycle. The 
output timing is the same as of a READ burst. 
CRC  bursts  calculated  from  WRITEs  or  READs  will  replace  the  EDC  hold  pattern  for  the  duration  of 
those bursts, provided CRC is enabled for those bursts.
With  each  MRS  command  to  MR4  that  changes  bits  A0‐A3  or  A9‐A11,  the  EDC  hold  pattern  will  be 
undefined for tMRD.
A3
A2
A1
A0
EDC Hold Pattern
000
0
Pattern
...
111
1
Pattern
Burst 
Pos 3
Burst 
Pos 2
Burst 
Pos 1
Burst
Pos 0
BA3 BA2 BA1 BA0
A12
A11
A10
A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
01
00
0
EDC 
13Inv
WR 
CRC
RD 
CRC
CRC Read 
Latency
 
(CRCRL)
CRC Write Latency 
(CRCWL)
EDC Hold Pattern
A6
A5
A4
CRC Write Latency (CRCWL)
00
0
7
00
1
8
01
0
9
01
1
10
10
0
11
10
1
12
11
0
13
11
1
14
A8
A7
CRC Read Latency (CRCRL)
00
0
01
10
2
11
3
A10
WR CRC
0On
1Off
A9
RD CRC
0On
1Off
A11
EDC Hold Pattern Invert 
for EDC1 + EDC3
0
 EDC hold pattern not 
inverted
1EDC hold pattern inverted



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com