Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS25LP256D-RMLA3-TR Datasheet(PDF) 8 Page - Integrated Silicon Solution, Inc

Part # IS25LP256D-RMLA3-TR
Description  SERIAL FLASH MEMORY WITH 166/133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LP256D-RMLA3-TR Datasheet(HTML) 8 Page - Integrated Silicon Solution, Inc

Back Button IS25LP256D-RMLA3-TR Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 12Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 174 page
background image
IS25LP256D
IS25WP256D
Integrated Silicon Solution, Inc.- www.issi.com
8
Rev A6
04/15/2019
3.
For compatibility, the pin can be disabled on dedicated part numbers by setting Bit0 (Dedicated RESET#
Disable) of the Function Register to “1” (default is “0” from factory on dedicated part numbers). An internal
pull-up resistor exists and the pin may be left floating if not used.
16-pin SOIC / 24-ball TFBGA
Device with HOLD#/RESET#
Device with dedicated RESET#
Pin1 / Ball D4
Hold#(IO3) or RESET#(IO3) by P7 bit setting
Hold#(IO3) only regardless of P7 bit setting
Pin3 / Ball A4
NC
RESET#
Part Number Option
J
R or P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com