Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS25LP256D-RMLA3-TR Datasheet(PDF) 60 Page - Integrated Silicon Solution, Inc

Part # IS25LP256D-RMLA3-TR
Description  SERIAL FLASH MEMORY WITH 166/133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LP256D-RMLA3-TR Datasheet(HTML) 60 Page - Integrated Silicon Solution, Inc

Back Button IS25LP256D-RMLA3-TR Datasheet HTML 56Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 57Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 58Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 59Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 60Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 61Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 62Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 63Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 64Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 174 page
background image
IS25LP256D
IS25WP256D
Integrated Silicon Solution, Inc.- www.issi.com
60
Rev A6
04/15/2019
8.7 FAST READ DUAL OUTPUT OPERATION (FRDO, 3Bh or 4FRDO, 3Ch)
The FRDO/4FRDO instruction is used to read memory data on two output pins each at up to a 166MHz clock.
 3Bh (EXTADD=0) is followed by a 3-byte address (A23-A0) or
 3Bh (EXTADD=1) is followed by a 4-byte address (A31-A0) or
 3Ch is followed by a 4-byte address (A31-A0)
The FRDO/4FRDO instruction code is followed by three or four address bytes as above and dummy cycles
(configurable, default is 8 clocks), transmitted via the IO0 line, with each bit latched-in during the rising edge of SCK.
Then the first data byte addressed is shifted out on the IO1 and IO0 lines, with each pair of bits shifted out at a
maximum frequency fCT, during the falling edge of SCK. The first bit (MSB) is output on IO1. Simultaneously, the
second bit is output on IO0.
The first byte addressed can be at any memory location. The address is automatically incremented by one after
each byte of data is shifted out. W hen the highest address is reached, the address counter will roll over to the
000000h address, allowing the entire memory to be read with a single FRDO/4FRDO instruction. The instruction
FRDO/4FRDO is terminated by driving CE# high (VIH).
If the FRDO/4FRDO instruction is issued while an Erase, Program or Write cycle is in process (WIP=1) the
instruction is ignored and will not have any effects on the current cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com