Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS25LP256D-RMLA3-TR Datasheet(PDF) 80 Page - Integrated Silicon Solution, Inc

Part # IS25LP256D-RMLA3-TR
Description  SERIAL FLASH MEMORY WITH 166/133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LP256D-RMLA3-TR Datasheet(HTML) 80 Page - Integrated Silicon Solution, Inc

Back Button IS25LP256D-RMLA3-TR Datasheet HTML 76Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 77Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 78Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 79Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 80Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 81Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 82Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 83Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 84Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 174 page
background image
IS25LP256D
IS25WP256D
Integrated Silicon Solution, Inc.- www.issi.com
80
Rev A6
04/15/2019
8.14 BLOCK ERASE OPERATION (BER32K:52h or 4BER32K:5Ch, BER64K:D8h or 4BER64K:DCh)
A Block Erase (BER) instruction erases a 32/64 Kbyte block. Before the execution of a BER instruction, the Write
Enable Latch (WEL) must be set via a Write Enable (WREN) instruction. The WEL is reset automatically after the
completion of a block erase operation.
 52h/D8h (EXTADD=0) is followed by a 3-byte address (A23-A0) or
 52h/D8h (EXTADD=1) is followed by a 4-byte address (A31-A0) or
 5Ch/DCh is followed by a 4-byte address (A31-A0)
The BER instruction code and three or four address bytes as above are input via SI. Erase operation will start
immediately after the CE# is pulled high, otherwise the BER instruction will not be executed. The internal control
logic automatically handles the erase voltage and timing.
Figure 8.31 Block Erase (64K) Sequence (D8h [EXTADD=0], 3-byte address)
Instruction = D8h
23
CE #
SCK
SI
3
2
SO
1
0
3-byte Address
High Impedance
22
21
...
0
1
2
3
4
5
6
7
8
9
10
...
28
29
30
31
Mode 3
Mode 0
Figure 8.32 Block Erase (64K) Sequence (D8h [EXTADD=1] or DCh, 4-byte address)
31
4-byte Address
29
28
36
37
38
39
Instruction = D8h/DCh
CE #
SCK
SI
3
2
SO
1
0
High Impedance
...
0
1
2
3
4
5
6
7
8
9
10
...
Mode 3
Mode 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com