Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS25LP256D-RMLA3-TR Datasheet(PDF) 67 Page - Integrated Silicon Solution, Inc

Part # IS25LP256D-RMLA3-TR
Description  SERIAL FLASH MEMORY WITH 166/133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LP256D-RMLA3-TR Datasheet(HTML) 67 Page - Integrated Silicon Solution, Inc

Back Button IS25LP256D-RMLA3-TR Datasheet HTML 63Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 64Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 65Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 66Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 67Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 68Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 69Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 70Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 71Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 174 page
background image
IS25LP256D
IS25WP256D
Integrated Silicon Solution, Inc.- www.issi.com
67
Rev A6
04/15/2019
Figure 8.15 Fast Read Quad I/O Sequence (EBh [EXTADD=0], 3-byte address)
CE #
SCK
5
1
Data Out 1
Instruction = EBh
20
CE #
SCK
4
0
4
0
3-byte Address
High Impedance
16
12
8
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
Mode 3
Mode 0
...
tV
IO0
IO1
4
0
5
1
5
1
4
0
4
0
5
1
4
0
IO0
IO1
21
5
1
5
1
17
13
9
22
6
2
6
2
18
14
10
23
7
3
7
3
19
15
11
Mode Bits
IO2
IO3
6
2
6
2
6
2
6
2
7
3
7
3
7
3
7
3
Data Out 2 Data Out 3 Data Out 4
IO2
IO3
1
0
5
1
...
4
0
...
2
6
2
...
3
7
3
...
5
4
6
7
6 Dummy Cycles
Data Out 5 Data Out 6
Notes:
1.
If the mode bits=AXh (where X is don’t care), it can execute the AX read mode (without command). When the mode
bits are different from AXh, the device exits the AX read operation.
2. Number of dummy cycles depends on clock speed. Detailed information in Table 6.11 Read Dummy Cycles.
3. Sufficient dummy cycles are required to avoid I/O contention. If the number of dummy cycles and AX bits cycles
are same, then X should be Hi-Z.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com