Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS25LP256D-RMLA3-TR Datasheet(PDF) 93 Page - Integrated Silicon Solution, Inc

Part # IS25LP256D-RMLA3-TR
Description  SERIAL FLASH MEMORY WITH 166/133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LP256D-RMLA3-TR Datasheet(HTML) 93 Page - Integrated Silicon Solution, Inc

Back Button IS25LP256D-RMLA3-TR Datasheet HTML 89Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 90Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 91Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 92Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 93Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 94Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 95Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 96Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 97Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 174 page
background image
IS25LP256D
IS25WP256D
Integrated Silicon Solution, Inc.- www.issi.com
93
Rev A6
04/15/2019
Operation
Suspended
Instruction Allowed
Name
Hex Code
Operation
Program or Erase
PERRSM
7Ah/30h
Program/Erase Resume
Program or Erase
SRPV
C0/63h
Set Read Parameters (Volatile)
Program or Erase
SERPV
83h
Set Extended Read Parameters (Volatile)
Program or Erase
WRBRV
17h/C5
Write Bank Address Register (Volatile)
Program or Erase
EN4B
B7h
Enter 4-byte Address Mode
Program or Erase
EX4B
29h
Exit 4-byte Address Mode
Program or Erase
RDPPB
FCh
Read PPB
Program or Erase
4RDPPB
F2h
4-byte Address Read PPB
Program or Erase
RDDYB
FAh
Read DYB
Program or Erase
4RDDYB
E0h
4-byte Address Read DYB
Program or Erase
RDPWD
E7h
Read Password
Program or Erase
RDPLB
A7h
Read PPB Lock Bit
Program or Erase
RDASP
2Bh
Read ASP
Erase
SECLOCK
24h
Sector Lock
Erase
SECUNLOCK
26h
Sector Unlock
Erase
4SECUNLOCK
25h
4-byte Address Sector Unlock
Erase
PERSUS
75h/B0h
Program/Erase Suspend
Erase
PP
02h
Serial Input Page Program
Erase
4PP
12h
4-byte Address Serial Input Page Program
Erase
PPQ
32h/38h
Quad Input Page Program
Erase
4PPQ
34h/3Eh
4-byte Address Quad Input Page Program
Erase
WRDYB
FBh
Write DYB
Erase
4WRDYB
E0h
4-byte Address Write DYB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com