Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS25LP256D-RMLA3-TR Datasheet(PDF) 100 Page - Integrated Silicon Solution, Inc

Part # IS25LP256D-RMLA3-TR
Description  SERIAL FLASH MEMORY WITH 166/133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LP256D-RMLA3-TR Datasheet(HTML) 100 Page - Integrated Silicon Solution, Inc

Back Button IS25LP256D-RMLA3-TR Datasheet HTML 96Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 97Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 98Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 99Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 100Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 101Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 102Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 103Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 104Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 174 page
background image
IS25LP256D
IS25WP256D
Integrated Silicon Solution, Inc.- www.issi.com
100
Rev A6
04/15/2019
8.29 READ EXTENDED READ PARAMETERS OPERATION (RDERP, 81h)
Prior to, or after setting Extended Read Register, the data of the Extended Read Register can be confirmed by the
RDERP command. The instruction is only applicable for the volatile Extended Read Register, not for the non-
volatile Extended Read Register.
During the execution of a Program, Erase or Write Non-Volatile Register operation, the RDERP instruction will be
executed, which can be used to check the progress or completion of an operation by reading the WIP bit.
Figure 8.65 Read Extended Read Parameters Sequence In SPI Mode
Instruction = 81h
7
CE #
SCK
SI
3
2
SO
1
0
Data Out
6
5
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
Mode 3
Mode 0
4
tV
Figure 8.66 Read Extended Read Parameters Sequence In QPI Mode
81h
0
1
Mode 3
Mode 0
2
3
7:4
3:0
CE#
SCK
IO[3:0]
tV
Data Out



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com