Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS25LP256D-RMLA3-TR Datasheet(PDF) 38 Page - Integrated Silicon Solution, Inc

Part # IS25LP256D-RMLA3-TR
Description  SERIAL FLASH MEMORY WITH 166/133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LP256D-RMLA3-TR Datasheet(HTML) 38 Page - Integrated Silicon Solution, Inc

Back Button IS25LP256D-RMLA3-TR Datasheet HTML 34Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 35Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 36Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 37Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 38Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 39Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 40Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 41Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 42Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 174 page
background image
IS25LP256D
IS25WP256D
Integrated Silicon Solution, Inc.- www.issi.com
38
Rev A6
04/15/2019
8. DEVICE OPERATION
8.1 COMMAND OVERVIEW
The device utilizes an 8-bit instruction register. Refer to Table 8.4. Instruction Set for details on instructions and
instruction codes. All instructions, addresses, and data are shifted in with the most significant bit (MSB) first on
Serial Data Input (SI) or Serial Data IOs (IO0, IO1, IO2, IO3). The input data on SI or IOs is latched on the rising
edge of Serial Clock (SCK) for normal mode and both of rising and falling edges for DTR mode after Chip Enable
(CE#) is driven low (VIL). Every instruction sequence starts with a one-byte instruction code and is followed by
address bytes and/or dummy cycles (configurable) and/or data bytes, depending on the type of instruction. CE#
must be driven high (VIH) after the last bit of the instruction sequence has been shifted in to end the operation.
Commands are structured as follows:
 Each command begins with a byte (eight bits) instruction.
 The instruction may be stand alone or may be followed by address bits to select a location within one of several
address spaces in the device. The address may be either a 24-bit or 32-bit byte boundary address.
 The SPI interface with Multiple IO provides the option for each transfer of address and data information to be
done one, two, or four bits in parallel. This enables a tradeoff between the number of signal connections (IO bus
width) and the speed of information transfer. If the host system can support a two or four bit wide IO bus the
memory performance can be increased by using the instructions that provide parallel two bit (dual) or parallel
four bit (quad) transfers.
 The width of all transfers following the instruction are determined by the instruction sent.
 All single bit or parallel bit groups are transferred in most to least significant bit order.
 Some instructions send Mode Bits following the address to indicate that the next command will be of the same
type with an implied, rather than an explicit, instruction. The next command thus does not provide an instruction
byte, only a new address and mode bits. This reduces the time needed to send each command when the same
command type is repeated in a sequence of commands.
 The address or Mode Bits may be followed by Dummy Cycles before read data is returned to the host.
 Dummy Cycles may be zero to several SCK cycles. In fact, Mode Bits will be counted as a part of Dummy
Cycles.
 All instruction, address, Mode, and data information is transferred in byte granularity. Addresses are shifted into
the device with the Most Significant Byte first. All data is transferred with the lowest address byte sent first.
Following bytes of data are sent in lowest to highest byte address order i.e. the byte address increments.
 All attempts to read the flash memory array during a program, erase, or a write cycle (embedded operations)
are ignored. The embedded operation will continue to execute without any affect. A very limited set of commands
are accepted during an embedded operation. These are discussed in the individual command descriptions.
While a program, erase, or write operation is in progress, it is recommended to check that the Write In Progress
(WIP) bit is
“0” before issuing most commands to the device, to ensure the new command can be accepted.
 Depending on the command, the time for execution varies. A command to read status information from an
executing command is available to determine when the command completes execution and whether the
command was successful.
 Following are some general signal relationship descriptions to keep in mind.
– The host always controls the Chip Enable (CE#), Serial Clock (SCK), and Serial Input (SI) - SI for single bit
wide transfers. The memory drives Serial Output (SO) for single bit read transfers. The host and memory
alternately drive the IO0-IO3 signals during Dual and Quad transfers.
– All commands begin with the host selecting the memory by driving CE# low before the first rising edge of
SCK. CE# is kept low throughout a command and when CE# is returned high the command ends.
Generally, CE# remains low for 8-bit transfer multiples to transfer byte granularity information. All commands
will not be accepted if CE# is returned high not at an 8-bit boundary.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com