Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS25LP256D-RMLA3-TR Datasheet(PDF) 73 Page - Integrated Silicon Solution, Inc

Part # IS25LP256D-RMLA3-TR
Description  SERIAL FLASH MEMORY WITH 166/133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LP256D-RMLA3-TR Datasheet(HTML) 73 Page - Integrated Silicon Solution, Inc

Back Button IS25LP256D-RMLA3-TR Datasheet HTML 69Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 70Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 71Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 72Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 73Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 74Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 75Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 76Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 77Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 174 page
background image
IS25LP256D
IS25WP256D
Integrated Silicon Solution, Inc.- www.issi.com
73
Rev A6
04/15/2019
8.10 PAGE PROGRAM OPERATION (PP, 02h or 4PP, 12h)
The Page Program (PP/4PP) instruction allows up to 256 bytes data to be programmed into memory in a single
operation. The destination of the memory to be programmed must be outside the protected memory area set by
the Block Protection bits (BP3, BP2, BP1, BP0) or ASP. A PP/4PP instruction which attempts to program into a
page that is write-protected will be ignored. Before the execution of PP/4PP instruction, the Write Enable Latch
(WEL) must be enabled through a Write Enable (WREN) instruction.
 02h (EXTADD=0) is followed by a 3-byte address (A23-A0) or
 02h (EXTADD=1) is followed by a 4-byte address (A31-A0) or
 12h is followed by a 4-byte address (A31-A0)
The PP/4PP instruction code, three or four address bytes as above and program data (1 to 256 bytes) are input via
the SI line. Program operation will start immediately after the CE# is brought high, otherwise the PP/4PP instruction
will not be executed. The internal control logic automatically handles the programming voltages and timing. The
progress or completion of the program operation can be determined by reading the WIP bit. If the WIP bit is “1”,
the program operation is still in progress. If WIP bit is “0”, the program operation has completed.
If more than 256 bytes data are sent to a device, the address counter rolls over within the same page, the previously
latched data are discarded, and the last 256 bytes are kept to be programmed into the page. The starting byte can
be anywhere within the page. When the end of the page is reached, the address will wrap around to the beginning
of the same page. If the data to be programmed are less than a full page, the data of all other bytes on the same
page will remain unchanged.
Note: A program operation can alter “1”s into “0”s, but an erase operation is required to change “0”s back to “1”s. A
byte cannot be reprogrammed without first erasing the whole sector or block.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com