Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS25LP256D-RMLA3-TR Datasheet(PDF) 46 Page - Integrated Silicon Solution, Inc

Part # IS25LP256D-RMLA3-TR
Description  SERIAL FLASH MEMORY WITH 166/133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LP256D-RMLA3-TR Datasheet(HTML) 46 Page - Integrated Silicon Solution, Inc

Back Button IS25LP256D-RMLA3-TR Datasheet HTML 42Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 43Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 44Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 45Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 46Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 47Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 48Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 49Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 50Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 174 page
background image
IS25LP256D
IS25WP256D
Integrated Silicon Solution, Inc.- www.issi.com
46
Rev A6
04/15/2019
Instruction
Name
Operation
Mode
Byte0
Byte1
Byte2
Byte3
Byte4
Byte5
Byte6
RDBR
Read Bank
Address Register
(Volatile)
SPI
QPI
16h/C8h
Data out
WRBRV
Write Bank
Address Register
(Volatile)
SPI
QPI
17h/C5h
Data in
WRBRNV
Write Bank
Address Register
(Non-Volatile)
SPI
QPI
18h
Data in
EN4B
Enter 4-byte
Address Mode
SPI
QPI
B7h
EX4B
Exit 4-byte
Address Mode
SPI
QPI
29h
RDDYB
Read DYB
(3-byte Address)
SPI
QPI
FAh
A
<23:16>
A
<15:8>
A
<7:0>
Data out
RDDYB
Read DYB
(4-byte Address)
SPI
QPI
FAh
A
<31::24>
A
<23:16>
A
<15:8>
A
<7:0>
Data out
4RDDYB
4-byte Address
Read DYB
SPI
QPI
E0h
A
<31::24>
A
<23:16>
A
<15:8>
A
<7:0>
Data out
WRDYB
Write DYB
(3-byte Address)
SPI
QPI
FBh
A
<23:16>
A
<15:8>
A
<7:0>
Data in
WRDYB
Write DYB
(4-byte Address)
SPI
QPI
FBh
A
<31::24>
A
<23:16>
A
<15:8>
A
<7:0>
Data in
4WRDYB
4-byte Address
Write DYB
SPI
QPI
E1h
A
<31::24>
A
<23:16>
A
<15:8>
A
<7:0>
Data in
RDPPB
Read PPB
(3-byte Address)
SPI
FCh
A
<23:16>
A
<15:8>
A
<7:0>
Data out
RDPPB
Read PPB
(4-byte Address)
SPI
FCh
A
<31::24>
A
<23:16>
A
<15:8>
A
<7:0>
Data out
4RDPPB
4-byte Address
Read PPB
SPI
E2h
A
<31::24>
A
<23:16>
A
<15:8>
A
<7:0>
Data out
PGPPB
Program PPB
(Individually)
(3-byte Address)
SPI
QPI
FDh
A
<23:16>
A
<15:8>
A
<7:0>
PGPPB
Program PPB
(Individually)
(4-byte Address)
SPI
QPI
FDh
A
<31::24>
A
<23:16>
A
<15:8>
A
<7:0>
4PGPPB
4-byte Address
Program PPB
(Individually)
SPI
QPI
E3h
A
<31::24>
A
<23:16>
A
<15:8>
A
<7:0>
ERPPB
Erase PPB (as
a group)
SPI
QPI
E4h
RDASP
Read ASP
SPI
QPI
2Bh
Data out
(2 byte)
PGASP
Program ASP
SPI
QPI
2Fh
PD
(2 byte)
RDPLB
Read PPB Lock
Bit
SPI
QPI
A7h
Data out
WRPLB
Write PPB Lock
Bit
SPI
QPI
A6h
SFRZ
Set FREEZE bit
SPI
QPI
91h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com