Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS25LP256D-RMLA3-TR Datasheet(PDF) 48 Page - Integrated Silicon Solution, Inc

Part # IS25LP256D-RMLA3-TR
Description  SERIAL FLASH MEMORY WITH 166/133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LP256D-RMLA3-TR Datasheet(HTML) 48 Page - Integrated Silicon Solution, Inc

Back Button IS25LP256D-RMLA3-TR Datasheet HTML 44Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 45Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 46Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 47Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 48Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 49Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 50Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 51Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 52Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 174 page
background image
IS25LP256D
IS25WP256D
Integrated Silicon Solution, Inc.- www.issi.com
48
Rev A6
04/15/2019
8.3 NORMAL READ OPERATION (NORD, 03h or 4NORD, 13h)
The Normal Read (NORD) instruction is used to read memory contents at a maximum frequency of 80MHz.
 03h (EXTADD=0) is followed by a 3-byte address (A23-A0) or
 03h (EXTADD=1) is followed by a 4-byte address (A31-A0) or
 13h is followed by a 4-byte address (A31-A0)
The Normal Read instruction code is transmitted via the SI line, followed by three (A23 - A0) or four (A31
– A0)
address bytes of the first memory location to be read as above. A total of 24 or 32 address bits are shifted in, but
only AVMSB (Valid Most Significant Bit) - A0 are decoded. The remaining bits (A31
– AVMSB+1) are ignored. The first
byte addressed can be at any memory location. Upon completion, any data on the SI will be ignored. Refer to Table
8.5 for the related Address Key.
The first byte data (D7 - D0) is shifted out on the SO line, MSB first. A single byte of data, or up to the whole memory
array, can be read out in one Normal Read instruction. The address is automatically incremented by one after each
byte of data is shifted out. The read operation can be terminated at any time by driving CE# high (VIH) after the
data comes out. When the highest address of the device is reached, the address counter will roll over to the
000000h address, allowing the entire memory to be read in one continuous Read instruction.
If the Normal Read instruction is issued while an Erase, Program or Write operation is in process (WIP=1) the
instruction is ignored and will not have any effects on the current operation.
Table 8.5 Address Key
Mode
Valid Address
256Mb
3 byte address
AVMSB(2)
–A0
A23-A0
4 byte address
A24-A0 (A31-A25=X)(2)
Notes:
1.
X=Don’t Care
2.
AVMSB is a Valid MSB. In 4 byte address for 256Mb, A31 is an MSB, and A24 is a Valid MSB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com