Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS25LP256D-RMLA3-TR Datasheet(PDF) 32 Page - Integrated Silicon Solution, Inc

Part # IS25LP256D-RMLA3-TR
Description  SERIAL FLASH MEMORY WITH 166/133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LP256D-RMLA3-TR Datasheet(HTML) 32 Page - Integrated Silicon Solution, Inc

Back Button IS25LP256D-RMLA3-TR Datasheet HTML 28Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 29Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 30Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 31Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 32Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 33Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 34Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 35Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 36Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 174 page
background image
IS25LP256D
IS25WP256D
Integrated Silicon Solution, Inc.- www.issi.com
32
Rev A6
04/15/2019
Figure 7.1 Advanced
Sector/Block Protection
DYB 0
DYB 1
DYB 2
DYB 3
Sector/Block 0
Sector/Block 1
Sector/Block 2
Sector/Block 3
PPB 0
PPB 1
PPB 2
PPB 3
DYB N-3
DYB N-2
DYB N-1
DYB N
Sector/Block N-3
Sector/Block N-2
Sector/Block N-1
Sector/Block N
PPB N-3
PPB N-2
PPB N-1
PPB N
0 = Locked
64-bit Password
(OTP)
Password Protection
Mode (ASPR[2]=0
Persistent Protection
Mode (ASPR[1]=0
ASP Register Bits (OTP)
PPB
Memory Array
DYB
1. 0 = Sector/Block Protected
1 = Sector/Block Unprotected (default)
2.
DYBs are volatile and defaults to “1”
after power-up
1. 0 = Sector/Block Protected
1 = Sector/Block Unprotected
2. PPB bits are programmed individually,
but erased collectively
1.
The bit defaults to “1” (Persistent Protection mode)
or “0” (Password Protection mode) upon reset.
2.
“0” locks all PPB bits to their current state.
3. Password Protection mode requires a password to
set PPB Lock bit to “1” to enable program or
erase of PPB bits.
4. Persistent Protection mode only allows PPB Lock
bit to be cleared to “0” to prevent program or erase
PPB bits. Power off or hardware reset is required to
set PPB Lock bit to “1”.
1 = Unocked
PPB Lock Bit
(Volatile)
Note:
1. 256M: N = 541 = 32 (32 Top 4K sectors or 32 Bottom 4K sectors) + 510 (510 64K blocks) - 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com