Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS25LP256D-RMLA3-TR Datasheet(PDF) 26 Page - Integrated Silicon Solution, Inc

Part # IS25LP256D-RMLA3-TR
Description  SERIAL FLASH MEMORY WITH 166/133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LP256D-RMLA3-TR Datasheet(HTML) 26 Page - Integrated Silicon Solution, Inc

Back Button IS25LP256D-RMLA3-TR Datasheet HTML 22Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 23Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 24Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 25Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 26Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 27Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 28Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 29Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 30Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 174 page
background image
IS25LP256D
IS25WP256D
Integrated Silicon Solution, Inc.- www.issi.com
26
Rev A6
04/15/2019
6.5 BANK ADDRESS REGISTER
Related Commands: Read Volatile Bank Address Register (RDBR 16h/C8h), Write Volatile Bank Address Register
(WRBRV 17h/C5h), Write Non-Volatile Bank Address Register (WRBRNV 18h), Enter 4-byte Address Mode (EN4B
B7h), and Exit 4-byte Address Mode (EX4B 29h).
Bank Address Register Bit (8 bits) definitions are described in Table 6.17 and Table 6.18.
Table 6.17 Bank Address Register Bit Table
BA7
BA6
BA5
BA4
BA3
BA2
BA1
BA0
EXTADD
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
BA24
Default
0
0
0
0
0
0
0
0
Table 6.18 Bank Address Register Bit Definition
Bit
Name
Definition
Read-
/Write
Type
BA0
BA24
Enables 128Mb segment selection in 3-byte addressing
"0" indicates lower 128Mb segment is selected.
"1" indicates upper 128Mb segment is selected.
R/W
Non-Volatile
and Volatile
BA1
Reserved
Reserved
R
Reserved
BA2
Reserved
Reserved
R
Reserved
BA3
Reserved
Reserved
R
Reserved
BA4
Reserved
Reserved
R
Reserved
BA5
Reserved
Reserved
R
Reserved
BA6
Reserved
Reserved
R
Reserved
BA7
EXTADD
3-byte or 4-byte addressing selection Bit:
"0" indicates 3-byte addressing.
"1" indicates 4-byte addressing.
R/W
Non-Volatile
and Volatile
BA24: The Bank Address Register supplies additional high order bits of the main flash array byte boundary address
for legacy commands that supply only the low order 24 bits of address. The Bank Address is used as the high bits
of address (above A23) for all 3-byte address commands when EXTADD=0. The Bank Address is not used when
EXTADD = 1 and traditional 3-byte address commands are instead required to provide all four bytes of address.
EXTADD: Extended Address (EXTADD) controls the address field size for legacy SPI commands. When shipped
from factory, it is cleared
to “0” for 3 bytes (24 bits) of address. When set to “1”, the legacy commands will require
4 bytes (32 bits) for the address field.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com