Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS25LP256D-RMLA3-TR Datasheet(PDF) 86 Page - Integrated Silicon Solution, Inc

Part # IS25LP256D-RMLA3-TR
Description  SERIAL FLASH MEMORY WITH 166/133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LP256D-RMLA3-TR Datasheet(HTML) 86 Page - Integrated Silicon Solution, Inc

Back Button IS25LP256D-RMLA3-TR Datasheet HTML 82Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 83Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 84Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 85Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 86Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 87Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 88Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 89Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 90Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 174 page
background image
IS25LP256D
IS25WP256D
Integrated Silicon Solution, Inc.- www.issi.com
86
Rev A6
04/15/2019
8.18 READ STATUS REGISTER OPERATION (RDSR, 05h)
The Read Status Register (RDSR) instruction provides access to the Status Register. During the execution of a
program, erase or Write Status Register operation, the RDSR instruction can be used to check the progress or
completion of an operation by reading the WIP bit.
Figure 8.45 Read Status Register Sequence In SPI Mode
Instruction = 05h
7
CE #
SCK
SI
3
2
SO
1
0
Data Out
6
5
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
Mode 3
Mode 0
4
tV
Figure 8.46 Read Status Register Sequence In QPI Mode
05h
0
1
Mode 3
Mode 0
2
3
7:4
3:0
CE#
SCK
IO[3:0]
tV
Data Out



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com