Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS25LP256D-RMLA3-TR Datasheet(PDF) 57 Page - Integrated Silicon Solution, Inc

Part # IS25LP256D-RMLA3-TR
Description  SERIAL FLASH MEMORY WITH 166/133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LP256D-RMLA3-TR Datasheet(HTML) 57 Page - Integrated Silicon Solution, Inc

Back Button IS25LP256D-RMLA3-TR Datasheet HTML 53Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 54Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 55Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 56Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 57Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 58Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 59Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 60Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 61Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 174 page
background image
IS25LP256D
IS25WP256D
Integrated Silicon Solution, Inc.- www.issi.com
57
Rev A6
04/15/2019
Figure 8.7 Fast Read Dual I/O Sequence (BBh [EXTADD=0], 3-byte address)
7
5
3
7
5
1
3
1
Data Out 1
Instruction = BBh
22
CE #
SCK
2
0
6
4
3-byte Address
High Impedance
20
18
...
0
1
2
3
4
5
6
7
8
9
10
...
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
Mode 3
Mode 0
...
tV
23
3
1
7
5
21
19
...
IO0
IO1
3
1
2
0
6
4
2
6
4
0
2
0
4 Dummy Cycles
7
5
3
1
6
4
2
0
7
5
...
6
4
...
CE #
SCK
IO0
IO1
Data Out 2
Data Out 3
Mode Bits
Mode Bits
Notes:
1.
If the mode bits=AXh (where X is don’t care), it can execute the AX read mode (without command). When the mode
bits are different from AXh, the device exits the AX read operation.
2. Number of dummy cycles depends on clock speed. Detailed information in Table 6.11 Read Dummy Cycles.
3. Sufficient dummy cycles are required to avoid I/O contention. If the number of dummy cycles and AX bits cycles
are same, then X should be Hi-Z.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com