Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS25LP256D-RMLA3-TR Datasheet(PDF) 55 Page - Integrated Silicon Solution, Inc

Part # IS25LP256D-RMLA3-TR
Description  SERIAL FLASH MEMORY WITH 166/133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LP256D-RMLA3-TR Datasheet(HTML) 55 Page - Integrated Silicon Solution, Inc

Back Button IS25LP256D-RMLA3-TR Datasheet HTML 51Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 52Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 53Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 54Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 55Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 56Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 57Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 58Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 59Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 174 page
background image
IS25LP256D
IS25WP256D
Integrated Silicon Solution, Inc.- www.issi.com
55
Rev A6
04/15/2019
Figure 8.6 Fast Read Sequence In QPI Mode (0Bh [EXTADD=1] or 0Ch, 4-byte address)
0Bh/0Ch
CE#
SCK
IO[3:0]
6 Dummy Cycles
4-byte Address
0
1
2
3
4
5
6
7
8
9
10
11
...
15
16
17
Mode 3
Mode 0
31:28
7:4
3:0
Data 1
27:24
15:12 11:8
7:4
3:0
...
tV
...
Instruction
23:20 19:16
Note: Number of dummy cycles depends on Read Parameter setting. Detailed information in Table 6.11 Read Dummy
Cycles.
8.5 HOLD OPERATION
HOLD# is used in conjunction with CE# to select the device. When the device is selected and a serial sequence is
underway, HOLD# can be used to pause the serial communication with the master device without resetting the
serial sequence. To pause, HOLD# is brought low while the SCK signal is low. To resume serial communication,
HOLD# is brought high while the SCK signal is low (SCK may still toggle during HOLD). Inputs to SI will be ignored
while SO is in the high impedance state, during HOLD.
Note: HOLD is not supported in DTR mode or with QE=1 or when RESET# is selected for the HOLD# or RESET# pin.
Timing graph can be referenced in AC Parameters Figure 9.4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com