Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS25LP256D-RMLA3-TR Datasheet(PDF) 76 Page - Integrated Silicon Solution, Inc

Part # IS25LP256D-RMLA3-TR
Description  SERIAL FLASH MEMORY WITH 166/133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LP256D-RMLA3-TR Datasheet(HTML) 76 Page - Integrated Silicon Solution, Inc

Back Button IS25LP256D-RMLA3-TR Datasheet HTML 72Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 73Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 74Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 75Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 76Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 77Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 78Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 79Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 80Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 174 page
background image
IS25LP256D
IS25WP256D
Integrated Silicon Solution, Inc.- www.issi.com
76
Rev A6
04/15/2019
8.11 QUAD INPUT PAGE PROGRAM OPERATION (PPQ, 32h/38h or 4PPQ, 34h/3Eh)
The Quad Input Page Program instruction allows up to 256 bytes data to be programmed into memory in a single
operation with four pins (IO0, IO1, IO2 and IO3). The destination of the memory to be programmed must be outside
the protected memory area set by the Block Protection (BP3, BP2, BP1, BP0) bits or ASP. A Quad Input Page
Program instruction which attempts to program into a page that is write-protected will be ignored.
Before the execution of Quad Input Page Program instruction,
the QE bit in the Status Register must be set to “1”
and the Write Enable Latch (WEL) must be enabled through a Write Enable (WREN) instruction.
 32h/38h (EXTADD=0) is followed by a 3-byte address (A23-A0) or
 32h/38h (EXTADD=1) is followed by a 4-byte address (A31-A0) or
 34h/3Eh is followed by a 4-byte address (A31-A0)
Program operation will start immediately after the CE# is brought high, otherwise the Quad Input Page Program
instruction will not be executed. The internal control logic automatically handles the programming voltages and
timing. The progress or completion of the program operation can be determined by reading the WIP bit. If the WIP
bit is “1”, the program operation is still in progress. If WIP bit is “0”, the program operation has completed.
If more than 256 bytes data are sent to a device, the address counter rolls over within the same page, the previously
latched data are discarded, and the last 256 bytes data are kept to be programmed into the page. The starting byte
can be anywhere within the page. When the end of the page is reached, the address will wrap around to the
beginning of the same page. If the data to be programmed are less than a full page, the data of all other bytes on
the same page will remain unchanged.
Note: A program operation can alter “1”s into “0”s, but an erase operation is required to change “0”s back to “1”s. A
byte cannot be reprogrammed without first erasing the whole sector or block.
Figure 8.25 Quad Input Page Program operation (32h/38h [EXTADD=0], 3-byte address)
Instruction = 32h/38h
23
CE #
SCK
4
0
4
0
3-byte Address
High Impedance
22
...
0
0
1
2
3
4
5
6
7
8
9
31
32
33
34
35
Mode 3
Mode 0
IO0
IO1
5
1
5
1
6
2
6
2
7
3
7
3
Data In 2
IO2
IO3
...
Data In 1
...
...
...
...
...



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com