Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS25LP256D-RMLA3-TR Datasheet(PDF) 92 Page - Integrated Silicon Solution, Inc

Part # IS25LP256D-RMLA3-TR
Description  SERIAL FLASH MEMORY WITH 166/133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LP256D-RMLA3-TR Datasheet(HTML) 92 Page - Integrated Silicon Solution, Inc

Back Button IS25LP256D-RMLA3-TR Datasheet HTML 88Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 89Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 90Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 91Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 92Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 93Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 94Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 95Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 96Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 174 page
background image
IS25LP256D
IS25WP256D
Integrated Silicon Solution, Inc.- www.issi.com
92
Rev A6
04/15/2019
Table 8.7 Instructions accepted during Suspend
Operation
Suspended
Instruction Allowed
Name
Hex Code
Operation
Program or Erase
NORD
03h
Normal Read Mode
Program or Erase
4NORD
13h
4-byte Address Normal Read Mode
Program or Erase
FRD
0Bh
Fast Read Mode
Program or Erase
4FRD
0Ch
4-byte Address Fast Read Mode
Program or Erase
FRDIO
BBh
Fast Read Dual I/O
Program or Erase
4FRDIO
BCh
4-byte Address Fast Read Dual I/O
Program or Erase
FRDO
3Bh
Fast Read Dual Output
Program or Erase
4FRDO
3Ch
4-byte Address Fast Read Dual Output
Program or Erase
FRQIO
EBh
Fast Read Quad I/O
Program or Erase
4FRQIO
ECh
4-byte Address Fast Read Quad I/O
Program or Erase
FRQO
6Bh
Fast Read Quad Output
Program or Erase
4FRQO
6Ch
4-byte Address Fast Read Quad Output
Program or Erase
FRDTR
0Dh
Fast Read DTR Mode
Program or Erase
4FRDTR
0Eh
4-byte Address Fast Read DTR Mode
Program or Erase
FRDDTR
BDh
Fast Read Dual I/O DTR
Program or Erase
4FRDDTR
BEh
4-byte Address Fast Read Dual I/O DTR
Program or Erase
FRQDTR
EDh
Fast Read Quad I/O DTR
Program or Erase
4FRQDTR
EEh
4-byte Address Fast Read Quad I/O DTR
Program or Erase
WREN
06h
Write Enable
Program or Erase
WRDI
04hh
Write Disable
Program or Erase
RDSR
05h
Read Status Register
Program or Erase
RDFR
48h
Read Function Register
Program or Erase
RDBR
16h/C8h
Read Bank Address Register
Program or Erase
RDRP
61h
Read Read Parameters (Volatile)
Program or Erase
RDERP
81h
Read Extended Read Parameters (Volatile)
Program or Erase
RDID
ABh
Read Manufacturer and Product ID
Program or Erase
RDJDID
9Fh
Read Manufacturer and Product ID by JEDEC ID Command
Program or Erase
RDMDID
90h
Read Manufacturer and Device ID
Program or Erase
RDJDIDQ
AFh
Read JEDEC ID QPI mode
Program or Erase
RDUID
4Bh
Read Unique ID Number
Program or Erase
RDSFDP
5Ah
SFDP Read
Program or Erase
CLERP
82h
Clear Extended Read Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com