Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS25LP256D-RMLA3-TR Datasheet(PDF) 36 Page - Integrated Silicon Solution, Inc

Part # IS25LP256D-RMLA3-TR
Description  SERIAL FLASH MEMORY WITH 166/133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LP256D-RMLA3-TR Datasheet(HTML) 36 Page - Integrated Silicon Solution, Inc

Back Button IS25LP256D-RMLA3-TR Datasheet HTML 32Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 33Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 34Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 35Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 36Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 37Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 38Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 39Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 40Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 174 page
background image
IS25LP256D
IS25WP256D
Integrated Silicon Solution, Inc.- www.issi.com
36
Rev A6
04/15/2019
Sector/Block Protection States Summary
Each sector in specific blocks and each of all other blocks except for the specific blocks can be in one of the
following protection states:
 Unlocked – The sector/block is unprotected and protection can be changed by a simple command. The
protection state defaults to unprotected after a power cycle, software reset, or hardware reset.
 Dynamically Locked – A sector/block is protected and protection can be changed by a simple command. The
protection state is not saved across a power cycle.
 Persistently Locked – A sector/block is protected and protection can only be changed if the PPB Lock bit is set
to
“1”. The protection state is non-volatile and saved across a power cycle or reset. Changing the protection
state requires programming and or erase of the PPB bits.
Table 7.4 contains all possible combinations of the DYB, PPB, and PPB Lock bit relating to the status of the
sector/block. In summary, if the PPB Lock bit is locked (cleared
to “0”), no changes to the PPBs are allowed. The
PPB Lock bit can only be unlocked (
set to “1”) through a Hardware Reset or power cycle.
Table 7.4 Sector/Block Protection States
“0” = Locked or Protected
“1” = Unlocked or Unprotected
Protection Bit values
Assigned Sector/Block State
PPB
DYB
1
1
Unprotected
1
0
Protected
0
1
Protected
0
0
Protected
PPB Lock Bit
1
Changeable
Changeable
0
NOT changeable
Changeable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com