Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS25LP256D-RMLA3-TR Datasheet(PDF) 24 Page - Integrated Silicon Solution, Inc

Part # IS25LP256D-RMLA3-TR
Description  SERIAL FLASH MEMORY WITH 166/133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LP256D-RMLA3-TR Datasheet(HTML) 24 Page - Integrated Silicon Solution, Inc

Back Button IS25LP256D-RMLA3-TR Datasheet HTML 20Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 21Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 22Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 23Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 24Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 25Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 26Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 27Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 28Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 174 page
background image
IS25LP256D
IS25WP256D
Integrated Silicon Solution, Inc.- www.issi.com
24
Rev A6
04/15/2019
WIP bit: The definition of the WIP bit is exactly same as the one of Status Register.
PROT_E bit: The Protection Error bit indicates whether an Erase or Program operation has attempted to modify a
protected array sector or block, or to access a locked Information Row region. When the bit is s
et to “1” it indicates
that there was an error or errors in previous Erase or Program operations. See Table 6.15 for details.
P_ERR bit: The Program Error bit indicates whether a Program operation has succeeded or failed, or whether a
Program operation has attempted to program a protected array sector/block or a locked Information Row region.
When the bit is set to
“1” it indicates that there was an error or errors in previous Program or Write/Set Non-Volatile
Register operations. See Table 6.15 for details.
Table 6.15 Instructions to set PROT_E bit and P_ERR bit
Instructions
Description
PP/4PP/PPQ/4PPQ/PGPPB/
4PGPPB/PGPWD
The commands will set the P_ERR if there is a failure in the operation. Attempting to program
within the protected array sector/block or within an erase suspended sector/block will result in
a programming error with P_ERR and PROT_E
set to “1”.
IRP
The command will set the P_ERR if there is a failure in the operation. In attempting to program
within a locked Information Row region, the operation will fail with P_ERR and PROT_E set to
1.
PGASP
The command will set the P_ERR if there is a failure in the operation. Attempting to program
ASPR[2:1] after the Protection Mode is selected or attempting to program ASPR[2:1] = 00b
will result in a programming error with P_ERR and PROT_E
set to “1”.
UNPWD
If the UNPWD command supplied password does not match the hidden internal password, the
UNPWD operation fails in the same manner as a programming operation on a protected
sector/block and sets the P_ERR and PROT_E
to “1”.
WRSR/WRABR/SRPNV/
SERPNV/WRBRNV
The update process for the non-volatile register bits involves an erase and a program operation
on the non-volatile register bits. If either the erase or program portion of the update fails, the
related error bit (P_ERR)
will be set to “1”.
Only for WRSR command, when Status Register is write-protected by SRWD bit and WP# pin,
attempting to write the register will set PROT_E to “1”.
WRFR
The commands will set the P_ERR if there is a failure in the operation.
SER/4SER/BER32K/
4BER32K/BER64K/
4BER64K/CER/IRER/ERPPB
PROT_E will be set to “1” when the user attempts to erase a protected main memory
sector/block or a locked Information Row region. Chip Erase (CER) command will set PROT_E
if any blocks are protected by Block Protection bits (BP3~BP0). But Chip Erase (CER)
command will not set PROT_E if sectors/blocks are protected by ASP (DYB bits or PPB bits)
only.
Notes:
1.
OTP bits in the Function Register and TBPARM (OTP bit) in the ASP Register may only be programmed to “1”.
Writing of the bits back to “0” is ignored and no error is set.
2. Read only bits and partially protected bits by FREEZE bit in registers are never modified by a command so that the
corresponding bits in the Write/Set Register command data byte are ignored without setting any error indication.
3. Once the PROT_E and P_ERR error
bits are set to “1”, they remains set to “1” until they are cleared to “0” with a
Clear Extended Read Register (CLERP) command. This means that those error bits must be cleared through the
CLERP command. Alternatively, Hardware Reset, or Software Reset may be used to clear the bits.
4.
Any further command will be executed even though the error bits are set to “1”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com