Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS25LP256D-RMLA3-TR Datasheet(PDF) 54 Page - Integrated Silicon Solution, Inc

Part # IS25LP256D-RMLA3-TR
Description  SERIAL FLASH MEMORY WITH 166/133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LP256D-RMLA3-TR Datasheet(HTML) 54 Page - Integrated Silicon Solution, Inc

Back Button IS25LP256D-RMLA3-TR Datasheet HTML 50Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 51Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 52Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 53Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 54Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 55Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 56Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 57Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 58Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 174 page
background image
IS25LP256D
IS25WP256D
Integrated Silicon Solution, Inc.- www.issi.com
54
Rev A6
04/15/2019
FAST READ OPERATION IN QPI MODE (FRD, 0Bh or 4FRD, 0Ch)
The Fast Read (FRD) instruction in QPI mode is used to read memory data at up to a 166MHz clock.
 0Bh (EXTADD=0) is followed by a 3-byte address (A23-A0) or
 0Bh (EXTADD=1) is followed by a 4-byte address (A31-A0) or
 0Ch is followed by a 4-byte address (A31-A0)
The Fast Read instruction code (2 clocks) is followed by three (6 clocks) or four (8 clocks) address bytes as above
and 6 dummy cycles (configurable, default is 6 clocks), transmitted via the IO3, IO2, IO1 and IO0 lines, with each
bit latched-in during the rising edge of SCK. Then the first data byte addressed is shifted out on the IO3, IO2, IO1
and IO0 lines, with each bit shifted out at a maximum frequency fCT, during the falling edge of SCK.
The first byte addressed can be at any memory location. The address is automatically incremented by one after
each byte of data is shifted out. When the highest address is reached, the address counter will roll over to the
000000h address, allowing the entire memory to be read with a single Fast Read QPI instruction. The Fast Read
QPI instruction is terminated by driving CE# high (VIH).
If the Fast Read instruction in QPI mode is issued while an Erase, Program or Write cycle is in process (WIP=1)
the instruction is ignored without affecting the current cycle.
The Fast Read sequence in QPI mode is also applied to the commands in the following table 8.6. However, only
3-byte address mode QPI sequence is applied for RDUID, RDSFDP, and IRRD commands.
Table 8.6 Instructions that Fast Read sequence in QPI Mode is applied to
Instruction Name
Operation
Hex Code
FRQIO
Fast Read Quad I/O
EBh
RDUID
Read Unique ID
4Bh
RDSFDP
SFDP Read
5Ah
IRRD
Read Information Row
68h
Figure 8.5 Fast Read QPI Sequence (0Bh [EXTADD=0], 3-byte address)
0Bh
CE#
SCK
IO[3:0]
6 Dummy Cycles
3-byte Address
0
1
2
3
4
5
6
7
8
9
...
13
14
15
16
17
Mode 3
Mode 0
23:20
7:4
3:0
7:4
3:0
Data 1
Data 2
19:16 15:12 11:8
7:4
3:0
...
tV
...
Instruction
Note: Number of dummy cycles depends on Read Parameter setting. Detailed information in Table 6.11 Read Dummy
Cycles.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com