Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS25LP256D-RMLA3-TR Datasheet(PDF) 30 Page - Integrated Silicon Solution, Inc

Part # IS25LP256D-RMLA3-TR
Description  SERIAL FLASH MEMORY WITH 166/133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LP256D-RMLA3-TR Datasheet(HTML) 30 Page - Integrated Silicon Solution, Inc

Back Button IS25LP256D-RMLA3-TR Datasheet HTML 26Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 27Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 28Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 29Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 30Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 31Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 32Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 33Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 34Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 174 page
background image
IS25LP256D
IS25WP256D
Integrated Silicon Solution, Inc.- www.issi.com
30
Rev A6
04/15/2019
7. PROTECTION MODE
The device supports hardware and software write-protection mechanisms.
7.1 HARDWARE WRITE PROTECTION
The Write Protection (WP#) pin provides a hardware write protection method for BP3, BP2, BP1, BP0, SRWD, and
QE in the Status Register. Refer to the section 6.1 STATUS REGISTER.
Write inhibit voltage (VWI) is specified in the section 9.7 POWER-UP AND POWER-DOWN. All write sequence will
be ignored when Vcc drops to VWI.
Table 7.1 Hardware Write Protection on Status Register
SRWD
WP#
Status Register
0
Low
Writable
1
Low
Protected
0
High
Writable
1
High
Writable
Note: Before the execution of any program, erase or Write Status/Function Register instruction, the Write Enable Latch
(WEL) bit must be enabled by executing a Write Enable (WREN) instruction. If the WEL bit is not enabled, the
program, erase or write register instruction will be ignored.
7.2 SOFTWARE WRITE PROTECTION
The device also provides two kinds of software write protection feature. One is Block Protection by Block Protection
bits (BP3, BP2, BP1, BP0) and another is Advanced Sector/Block Protection (ASP). When Block Protection is
enabled (i.e., any BP3-
0 are set to “1”), Advanced Sector/Block Protection (ASP) can still be used to protect
sectors/blocks not protected by the Block Protection scheme. In the case that both ASP and Block Protection are
used on the same sector/block the logical OR of ASP and Block Protection related to the sector/block is used.
Warning: ASP and Block Protection should not be used concurrently. Use one or the other, but not both.
7.2.1 BLOCK PROTECTION BITS
The device provides a software write protection feature. The Block Protection bits (BP3, BP2, BP1, BP0) allow part
or the whole memory area to be write-protected. For details, see 6.1 Status Register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com