Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS25LP256D-RMLA3-TR Datasheet(PDF) 45 Page - Integrated Silicon Solution, Inc

Part # IS25LP256D-RMLA3-TR
Description  SERIAL FLASH MEMORY WITH 166/133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LP256D-RMLA3-TR Datasheet(HTML) 45 Page - Integrated Silicon Solution, Inc

Back Button IS25LP256D-RMLA3-TR Datasheet HTML 41Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 42Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 43Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 44Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 45Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 46Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 47Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 48Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 49Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 174 page
background image
IS25LP256D
IS25WP256D
Integrated Silicon Solution, Inc.- www.issi.com
45
Rev A6
04/15/2019
Instruction
Name
Operation
Mode
Byte0
Byte1
Byte2
Byte3
Byte4
Byte5
Byte6
SERPV
Set Extended
Read Parameters
(Volatile)
SPI
QPI
83h
Data in
RDRP
Read Read
Parameters
(Volatile)
SPI
QPI
61h
Data out
RDERP
Read Extended
Read Parameters
(Volatile)
SPI
QPI
81h
Data out
CLERP
Clear Extended
Read Register
SPI
QPI
82h
RDJDID
Read JEDEC
ID Command
SPI
QPI
9Fh
MF7-MF0
ID15-ID8
ID7-ID0
RDMDID
Read
Manufacturer
& Device ID
SPI
QPI
90h
XXh(3)
XXh(3)
00h
MF7-MF0
ID7-ID0
01h
ID7-ID0
MF7-MF0
RDJDIDQ
Read JEDEC
ID
QPI mode
QPI
AFh
MF7-MF0
ID15-ID8
ID7-ID0
RDUID
Read
Unique ID
SPI
QPI
4Bh
A(4)
<23:16>
A(4)
<15:8>
A(4)
<7:0>
Dummy
Byte
Data out
RDSFDP
SFDP Read
SPI
5Ah
A
<23:16>
A
<15:8>
A
<7:0>
Dummy
Byte
Data out
NOP
No Operation
SPI
QPI
00h
RSTEN
Software
Reset
Enable
SPI
QPI
66h
RST
Software Reset
SPI
QPI
99h
IRER
Erase
Information
Row
SPI
QPI
64h
A
<23:16>
A
<15:8>
A
<7:0>
IRP
Program
Information
Row
SPI
QPI
62h
A
<23:16>
A
<15:8>
A
<7:0>
PD
(256byte)
IRRD
Read
Information
Row
SPI
QPI
68h
A
<23:16>
A
<15:8>
A
<7:0>
Dummy
Byte
Data out
SECUNLOCK
Sector Unlock
(3-byte Address)
SPI
QPI
26h
A
<23:16>
A
<15:8>
A
<7:0>
SECUNLOCK
Sector Unlock
(4-byte Address)
SPI
QPI
26h
A
<31::24>
A
<23:16>
A
<15:8>
A
<7:0>
4SECUNLOCK
4-byte Address
Sector Unlock
SPI
QPI
25h
A
<31::24>
A
<23:16>
A
<15:8>
A
<7:0>
SECLOCK
Sector Lock
SPI
QPI
24h
RDABR
Read AutoBoot
Register
SPI
QPI
14h
Data out
1
Data out
2
Data out
3
Data out
4
WRABR
Write AutoBoot
Register
SPI
QPI
15h
Data in 1
Data in 2
Data in 3
Data in 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com