Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS25LP256D-RMLA3-TR Datasheet(PDF) 23 Page - Integrated Silicon Solution, Inc

Part # IS25LP256D-RMLA3-TR
Description  SERIAL FLASH MEMORY WITH 166/133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LP256D-RMLA3-TR Datasheet(HTML) 23 Page - Integrated Silicon Solution, Inc

Back Button IS25LP256D-RMLA3-TR Datasheet HTML 19Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 20Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 21Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 22Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 23Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 24Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 25Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 26Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 27Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 174 page
background image
IS25LP256D
IS25WP256D
Integrated Silicon Solution, Inc.- www.issi.com
23
Rev A6
04/15/2019
6.3.2 EXTENDED READ REGISTER
Table 6.12 and Table 6.13 define all bits that control features in SPI/QPI modes. The ODS2, ODS1, ODS0 (EB7,
EB6, EB5) bits provide a method to set and control driver strength. The four bits (EB3, EB2, EB1, EB0) are read-
only bits and may be checked to know what the WIP status is or whether there is an error during an Erase, Program,
or Write/Set Register operation. These bits are not affected by SERPNV or SERPV commands. EB4 bit remains
reserved for future use.
The SET EXTENDED READ PARAMETERS Operations (SERPNV: 85h, SERPV: 83h) are used to set all the
Extended Read Register bits, and can thereby define the output driver strength used during READ modes. SRPNV
is used to set the non-volatile register and SRPV is used to set the volatile register.
Table 6.12 Extended Read Register Bit Table
EB7
EB6
EB5
EB4
EB3
EB2
EB1
EB0
ODS2
ODS1
ODS0
Reserved
Reserved
P_ERR
PROT_E
WIP
Default
1
1
1
1
-
0
0
0
Table 6.13 Extended Read Register Bit Definition
Bit
Name
Definition
Read-
/Write
Type
EB0
WIP
Write In Progress Bit:
Has exactly same function as the bit0 (WIP) of Status Register
“0”: Ready, “1”: Busy
R
Volatile
EB1
PROT_E
Protection Error Bit:
"0" indicates no error
"1" indicates protection error in an Erase or a Program operation
R
Volatile
EB2
P_ERR
Program Error Bit:
"0" indicates no error
"1" indicates an Program operation failure or protection error
R
Volatile
EB3
Reserved
Reserved
R
Reserved
EB4
Reserved
Reserved
R
Reserved
EB5
ODS0
Output Driver Strength:
Output Drive Strength can be selected according to Table 6.14
R/W
Non-Volatile
and Volatile
EB6
ODS1
R/W
Non-Volatile
and Volatile
EB7
ODS2
R/W
Non-Volatile
and Volatile
Table 6.14 Driver Strength Table
ODS2
ODS1
ODS0
Description
Remark
0
0
0
Reserved
0
0
1
12.50%
0
1
0
25%
0
1
1
37.50%
1
0
0
Reserved
1
0
1
75%
1
1
0
100%
1
1
1
50%
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com