Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS25LP256D-RMLA3-TR Datasheet(PDF) 101 Page - Integrated Silicon Solution, Inc

Part # IS25LP256D-RMLA3-TR
Description  SERIAL FLASH MEMORY WITH 166/133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LP256D-RMLA3-TR Datasheet(HTML) 101 Page - Integrated Silicon Solution, Inc

Back Button IS25LP256D-RMLA3-TR Datasheet HTML 97Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 98Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 99Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 100Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 101Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 102Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 103Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 104Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 105Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 174 page
background image
IS25LP256D
IS25WP256D
Integrated Silicon Solution, Inc.- www.issi.com
101
Rev A6
04/15/2019
8.30 CLEAR EXTENDED READ REGISTER OPERATION (CLERP, 82h)
A Clear Extended Read Register (CLERP) instruction clears PROT_E and P_ERR error bits in the Extended Read
Register
to “0” when the error bits are set to “1”. Once the error bits are set to “1”, they remains set to “1” until they
are cleared to “0” with a CLERP command.
Figure 8.67 Clear Extended Read Register Sequence In SPI Mode
Instruction = 82h
CE#
SCK
SI
0
1
2
3
4
5
6
7
Mode 3
Mode 0
SO
High Impedance
Figure 8.68 Clear Extended Read Register Sequence In QPI Mode
82h
CE#
SCK
IO[3:0]
0
1
Mode 3
Mode 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com