Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS25LP256D-RMLA3-TR Datasheet(PDF) 122 Page - Integrated Silicon Solution, Inc

Part # IS25LP256D-RMLA3-TR
Description  SERIAL FLASH MEMORY WITH 166/133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LP256D-RMLA3-TR Datasheet(HTML) 122 Page - Integrated Silicon Solution, Inc

Back Button IS25LP256D-RMLA3-TR Datasheet HTML 118Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 119Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 120Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 121Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 122Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 123Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 124Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 125Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 126Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 174 page
background image
IS25LP256D
IS25WP256D
Integrated Silicon Solution, Inc.- www.issi.com
122
Rev A6
04/15/2019
8.44 FAST READ QUAD I/O DTR MODE OPERATION IN SPI MODE (FRQDTR, EDh or 4FRQDTR, EEh)
The FRQDTR/4FRQDTR instruction enables Double Transfer Rate throughput on quad I/O of the device in read
mode.
A Quad Enable (QE) bit of Status Register must be set to "1" before sending the Fast Read Quad I/O DTR
instruction.
The address (interleave on 4 I/O pins) is latched on both rising and falling edge of SCK, and data (interleave on 4
I/O pins) shift out on both rising and falling edge of SCK at a maximum frequency. The 8-bit address can be latched-
in at one clock, and 8-bit data can be read out at one clock, which means four bits at the rising edge of clock, the
other four bits at the falling edge of clock.
The first address byte can be at any location. The address is automatically increased to the next higher address
after each byte data is shifted out, so the whole memory can be read out with a single FRQDTR/4FRQDTR instruc-
tion. The address counter rolls over to 0 when the highest address is reached. Once writing FRQDTR/4FRQDTR
instruction, the following address/dummy/data out will perform as 8-bit instead of previous 1-bit.
 EDh (EXTADD=0) is followed by a 3-byte address (A23-A0) or
 EDh (EXTADD=1) is followed by a 4-byte address (A31-A0) or
 EEh is followed by a 4-byte address (A31-A0)
The sequence of issuing FRQDTR/4FRQDTR instruction is: CE# goes low  Sending FRQDTR/4FRQDTR
instruction (1-bit per clock)  24-bit or 32-bit address interleave on IO3, IO2, IO1 & IO0 (8-bit per clock) as above
 6 dummy clocks (configurable, default is 6 clocks)  Data out interleave on IO3, IO2, IO1 & IO0 (8-bit per clock)
 End FRQDTR/4FRQDTR operation by driving CE# high at any time during data out.
If AXh (where X is don’t care) is input for the mode bits during dummy cycles, the device will enter AX read operation
mode which enables subsequent FRQDTR/4FRQDTR execution skips command code. It saves cycles as
described in Figures 8.92 and 8.93.
When the code is different from AXh (where X is don’t care), the device exits
the AX read operation. After finishing the read operation, device becomes ready to receive a new command.
If the FRQDTR/4FRQDTR instruction is issued while an Erase, Program or Write cycle is in process is in progress
(WIP=1), the instruction will be rejected without any effect on the current cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com