Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS25LP256D-RMLA3-TR Datasheet(PDF) 127 Page - Integrated Silicon Solution, Inc

Part # IS25LP256D-RMLA3-TR
Description  SERIAL FLASH MEMORY WITH 166/133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LP256D-RMLA3-TR Datasheet(HTML) 127 Page - Integrated Silicon Solution, Inc

Back Button IS25LP256D-RMLA3-TR Datasheet HTML 123Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 124Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 125Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 126Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 127Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 128Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 129Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 130Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 131Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 174 page
background image
IS25LP256D
IS25WP256D
Integrated Silicon Solution, Inc.- www.issi.com
127
Rev A6
04/15/2019
FAST READ QUAD IO DTR OPERATION IN QPI MODE (FRQDTR, EDh OR 4FRQDTR, EEh)
The FRQDTR/4FRQDTR instruction in QPI mode utilizes all four IO lines to input the instruction code so that only
two clocks are required, while the FRQDTR/4FRQDTR instruction in SPI mode requires that the byte-long
instruction code is shifted into the device only via IO0 line in eight clocks. As a result, 6 command cycles will be
reduced by the FRQDTR/4FRQDTR instruction in QPI mode. In addition, subsequent address and data out are
shifted in/out via all four IO lines like the FRQDTR/4FRQDTR instruction. In fact, except for the command cycle,
the FRQDTR/4FRQDTR operation in QPI mode is exactly same as the FRQDTR/4FRQDTR operation in SPI mode.
It is not required to set QE bit
to “1”.before Fast Read Quad I/O DTR instruction in QPI mode.
 EDh (EXTADD=0) is followed by a 3-byte address (A23-A0) or
 EDh (EXTADD=1) is followed by a 4-byte address (A31-A0) or
 EEh is followed by a 4-byte address (A31-A0)
The sequence of issuing FRQDTR/4FRQDTR instruction is: CE# goes low  Sending FRQDTR/4FRQDTR
instruction (4-bit per clock)  24-bit or 32-bit address interleave on IO3, IO2, IO1 & IO0 (8-bit per clock) as above
 6 dummy clocks (configurable, default is 6 clocks)  Data out interleave on IO3, IO2, IO1 & IO0 (8-bit per clock)
 End FRQDTR/4FRQDTR operation by driving CE# high at any time during data out.
If AXh (where X is don’t care) is input for the mode bits during dummy cycles, the device will enter AX read operation
mode which enables subsequent FRQDTR/4FRQDTR in QPI mode execution skips command code. When the
code is diffe
rent from AXh (where X is don’t care), the device exits the AX read operation. After finishing the read
operation, device becomes ready to receive a new command.
If the FRQDTR/4FRQDTR instruction in QPI mode is issued while an Erase, Program or Write cycle is in process
is in progress (WIP=1), the instruction will be rejected without any effect on the current cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com