Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS25LP256D-RMLA3-TR Datasheet(PDF) 133 Page - Integrated Silicon Solution, Inc

Part # IS25LP256D-RMLA3-TR
Description  SERIAL FLASH MEMORY WITH 166/133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LP256D-RMLA3-TR Datasheet(HTML) 133 Page - Integrated Silicon Solution, Inc

Back Button IS25LP256D-RMLA3-TR Datasheet HTML 129Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 130Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 131Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 132Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 133Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 134Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 135Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 136Page - Integrated Silicon Solution, Inc IS25LP256D-RMLA3-TR Datasheet HTML 137Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 174 page
background image
IS25LP256D
IS25WP256D
Integrated Silicon Solution, Inc.- www.issi.com
133
Rev A6
04/15/2019
8.46 AUTOBOOT
SPI devices normally require 32 or more cycles of command and address shifting to initiate a read command. And,
in order to read boot code from an SPI device, the host memory controller or processor must supply the read
command from a hardwired state machine or from some host processor internal ROM code.
Parallel NOR devices need only an initial address, supplied in parallel in a single cycle, and initial access time to
start reading boot code.
The AutoBoot feature allows the host memory controller to take boot code from the device immediately after the
end of reset, without having to send a read command. This saves 32 or more cycles and simplifies the logic needed
to initiate the reading of boot code.
 As part of the Power-up Reset, Hardware Reset, or Software Reset process the AutoBoot feature automatically
starts a read access from a pre-specified address. At the time the reset process is completed, the device is
ready to deliver code from the starting address. The host memory controller only needs to drive CE# signal from
high to low and begin toggling the SCK signal. The device will delay code output for a pre-specified number of
clock cycles before code streams out.
– The Auto Boot Start Delay (ABSD) field of the AutoBoot register specifies the initial delay if any is needed by
the host.
– The host cannot send commands during this time.
– If QE bit (Bit 6) in the Status Register is set to “1”, Fast Read Quad I/O operation will be selected and initial
delay is the same as dummy cycles of Fast Read Quad I/O Read operation
. If it is set to “0”, Fast Read
operation will be applied and initial delay is the same as dummy cycles of Fast Read operation. Maximum
operation frequency will be the same with Fast Read Operation.
 The starting address of the boot code is selected by the value programmed into the AutoBoot Start Address
(ABSA) field of the AutoBoot Register.
– Data will continuously shift out until CE# returns high.
 At any point after the first data byte is transferred, when CE# returns high, the SPI device will reset to standard
SPI mode; able to accept normal command operations.
– A minimum of one byte must be transferred.
– AutoBoot mode will not initiate again until another power cycle or a reset occurs.
 An AutoBoot Enable bit (ABE) is set to enable the AutoBoot feature.
The AutoBoot register bits are non-volatile and provide:
 The starting address set by the AutoBoot Start Address (ABSA).
 The number of initial delay cycles, set by the AutoBoot Start Delay (ABSD) 4-bit count value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com