Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP8733 Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # LP8733
Description  LP8733xx-Q1 Dual High-Current Buck Converter and Dual Linear Regulator
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP8733 Datasheet(HTML) 33 Page - Texas Instruments

Back Button LP8733 Datasheet HTML 29Page - Texas Instruments LP8733 Datasheet HTML 30Page - Texas Instruments LP8733 Datasheet HTML 31Page - Texas Instruments LP8733 Datasheet HTML 32Page - Texas Instruments LP8733 Datasheet HTML 33Page - Texas Instruments LP8733 Datasheet HTML 34Page - Texas Instruments LP8733 Datasheet HTML 35Page - Texas Instruments LP8733 Datasheet HTML 36Page - Texas Instruments LP8733 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 85 page
background image
V(VANA)
VANA_UVLO
State
Shut
down
Read
OTP
Standby
PGOOD pin
EN pin
VOUT (Buck1)
VOUT (LDO0)
Buck1 internal powergood
LDO0 internal powergood
Active
Buck1 internal enable
LDO0 internal enable
4ms
2ms
33
LP8733-Q1
www.ti.com
SNVSB64 – SEPTEMBER 2018
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Figure 19. PGOOD Pin Operation in Continuous Mode
7.3.8.2 Warnings for Diagnosis (Interrupt)
7.3.8.2.1
Output Power Limit
The Buck regulators have programmable output peak current limits. The limits are individually programmed for
both regulators with BUCKx_ILIM[2:0] bits in BUCKx_CTRL_2 register. The current limit settings of master and
slave regulators used for the same output voltage rail must be identical. If the load current is increased so that
the current limit is triggered, the regulator continues to regulate to the limit current level (peak current regulation).
The voltage may decrease if the load current is higher than limit current. If the current regulation continues for 20
µs, the LP8733xx-Q1 device sets the BUCKx_ILIM_INT bit in INT_BUCK register and pulls the nINT pin low. The
host processor can read BUCKx_ILIM_STAT bits in BUCK_STAT register to see if the regulator is still in peak
current regulation mode and the interrupt is cleared by writing 1 to BUCKx_ILIM_INT bit. The current limit
interrupt can be masked by setting BUCKx_ILIM_MASK bit in BUCK_MASK register to 1. The Buck overload
situation is shown in Figure 20.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com