Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP8733 Datasheet(PDF) 84 Page - Texas Instruments

Click here to check the latest version.
Part # LP8733
Description  LP8733xx-Q1 Dual High-Current Buck Converter and Dual Linear Regulator
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP8733 Datasheet(HTML) 84 Page - Texas Instruments

Back Button LP8733 Datasheet HTML 77Page - Texas Instruments LP8733 Datasheet HTML 78Page - Texas Instruments LP8733 Datasheet HTML 79Page - Texas Instruments LP8733 Datasheet HTML 80Page - Texas Instruments LP8733 Datasheet HTML 81Page - Texas Instruments LP8733 Datasheet HTML 82Page - Texas Instruments LP8733 Datasheet HTML 83Page - Texas Instruments LP8733 Datasheet HTML 84Page - Texas Instruments LP8733 Datasheet HTML 85Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 84 / 85 page
background image
www.ti.com
EXAMPLE STENCIL DESIGN
28X (0.75)
28X (0.25)
24X (0.5)
(4.65)
(4.65)
4X (
1.47)
(0.84)
TYP
(0.84) TYP
(R0.05) TYP
VQFN - 1 mm max height
RHD0028W
PLASTIC QUAD FLATPACK - NO LEAD
4222120/B 02/2018
NOTES: (continued)
5. Laser cutting apertures with trapezoidal walls and rounded corners may offer better paste release. IPC-7525 may have alternate
design recommendations.
SYMM
METAL
TYP
SOLDER PASTE EXAMPLE
BASED ON 0.125 mm THICK STENCIL
EXPOSED PAD
75% PRINTED SOLDER COVERAGE BY AREA
SCALE:20X
SYMM
1
7
8
14
15
21
22
28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com