Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP8733 Datasheet(PDF) 61 Page - Texas Instruments

Click here to check the latest version.
Part # LP8733
Description  LP8733xx-Q1 Dual High-Current Buck Converter and Dual Linear Regulator
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP8733 Datasheet(HTML) 61 Page - Texas Instruments

Back Button LP8733 Datasheet HTML 57Page - Texas Instruments LP8733 Datasheet HTML 58Page - Texas Instruments LP8733 Datasheet HTML 59Page - Texas Instruments LP8733 Datasheet HTML 60Page - Texas Instruments LP8733 Datasheet HTML 61Page - Texas Instruments LP8733 Datasheet HTML 62Page - Texas Instruments LP8733 Datasheet HTML 63Page - Texas Instruments LP8733 Datasheet HTML 64Page - Texas Instruments LP8733 Datasheet HTML 65Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 85 page
background image
SW_B0
VIN_B0
VIN_B1
VANA
VIN
FB_B0
VOUT_B0
LOAD
SDA
SCL
nINT
CLKIN (GPO2)
GNDs
EN
GPO
SW_B1
FB_B1
PGOOD
VOUT_LDO1
VOUT_LDO0
VIN_LDO0
VIN_LDO1
VOUT_LDO0
VOUT_LDO1
Copyright © 2017, Texas Instruments Incorporated
COUT_BUCK0
COUT_BUCK1
COUT_LDO1
COUT_LDO0
CIN_LDO1
CIN_LDO0
CIN_BUCK0
CIN_BUCK1
CANA
L0
L1
CPOL_BUCK
61
LP8733-Q1
www.ti.com
SNVSB64 – SEPTEMBER 2018
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Typical Applications (continued)
(1)
Operating temperature range is up to 125°C including self temperature rise.
Figure 30. Single Dual-phase Buck Output Configuration
8.2.1 Design Requirements
8.2.1.1 Inductor Selection
The inductors L0 and L1 are shown in the Typical Applications. The inductance and DCR of the inductor affects
the control loop of the buck regulator. TI recommends using inductors similar to those listed in Table 8. Pay
attention to the saturation current and temperature rise current of the inductor. Check that the saturation current
is higher than the peak current limit and the temperature rise current is higher than the maximum expected rms
output current. Minimum effective inductance to ensure good performance is 0.22 μH at maximum peak output
current over the operating temperature range. DC resistance of the inductor must be less than 0.05 Ω for good
efficiency at high-current condition. The inductor AC loss also affects conversion efficiency. Higher Q factor at
switching frequency usually gives better efficiency at light load to middle load. Shielded inductors are preferred
as they radiate less noise.
Table 8. Recommended Inductors
MANUFACTURER
PART NUMBER
VALUE
DIMENSIONS L × W × H (mm)
RATED DC CURRENT
ISAT maximum (typical) /
ITEMP maximum (typical) (A)
DCR
typical / maximum (m
Ω)
TOKO
DFE252012PD-
R47M
0.47 µH (20%)
2.5 × 2 × 1.2
5.2 (–) / 4 (–)(1)
— / 27
Tayo Yuden
MDMK2020TR47M
MV
0.47 µH (20%)
2 × 2 ×1.2
4.2 (4.8) / 2.3 (2.45)
40 / 46



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com