Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP8733 Datasheet(PDF) 63 Page - Texas Instruments

Click here to check the latest version.
Part # LP8733
Description  LP8733xx-Q1 Dual High-Current Buck Converter and Dual Linear Regulator
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP8733 Datasheet(HTML) 63 Page - Texas Instruments

Back Button LP8733 Datasheet HTML 59Page - Texas Instruments LP8733 Datasheet HTML 60Page - Texas Instruments LP8733 Datasheet HTML 61Page - Texas Instruments LP8733 Datasheet HTML 62Page - Texas Instruments LP8733 Datasheet HTML 63Page - Texas Instruments LP8733 Datasheet HTML 64Page - Texas Instruments LP8733 Datasheet HTML 65Page - Texas Instruments LP8733 Datasheet HTML 66Page - Texas Instruments LP8733 Datasheet HTML 67Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 85 page
background image
63
LP8733-Q1
www.ti.com
SNVSB64 – SEPTEMBER 2018
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Table 11. Recommended LDO Input Capacitors (X7R Dielectric)
MANUFACTURER
PART NUMBER
VALUE
CASE SIZE
DIMENSIONS L × W × H
(mm)
VOLTAGE RATING
Murata
GCM188R70J225KE22
2.2 µF (10%)
0603
1.6 × 0.8 × 0.8
6.3 V
Murata
GCM21BR71C475KA73
4.7 µF (10%)
0805
2 × 1.25 × 1.25
16 V
8.2.1.5 LDO Output Capacitor Selection
The output capacitors COUT_LDO0 and COUT_LDO1 are shown in the Typical Applications. A ceramic output
capacitor of minimum 1.0 μF is required. Place the output capacitor as close to the VOUT_LDOx pin and AGND
pin of the device as possible. Use X7R type of capacitors, not Y5V or F. DC bias characteristics of capacitors
must be considered, minimum effective output capacitance to ensure good performance is 0.4 μF per LDO input
at maximum input voltage including tolerances, ambient temperature range and aging. See Table 12.
The output capacitance must be smaller than the input capacitance in order to ensure the stability of the LDO.
With a 1-μF output capacitor it is recommended to use at least 2.2-μF input capacitor; with a 2.2-μF output
capacitor at least 4.7-μF input capacitance.
The VANA input is used to supply analog and digital circuits in the device. See Table 13 for recommended
components from for VANA input supply filtering.
Table 12. Recommended LDO Output Capacitors (X7R Dielectric)
MANUFACTURER
PART NUMBER
VALUE
CASE SIZE
DIMENSIONS L × W × H (mm)
VOLTAGE RATING
Murata
GCM188R71C105KA64
1 µF (10%)
0603
1.6 × 0.8 × 0.8
16 V
Murata
GCM188R70J225KE22
2.2 µF (10%)
0603
1.6 × 0.8 × 0.8
6.3 V
Table 13. Recommended Supply Filtering Components
MANUFACTURER
PART NUMBER
VALUE
CASE SIZE
DIMENSIONS L × W × H (mm)
VOLTAGE RATING
Murata
GCM155R71C104KA55
100 nF (10%)
0402
1 × 0.5 × 0.5
16 V
Murata
GCM188R71C104KA37
100 nF (10%)
0603
1.6 × 0.8 × 0.8
16 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com