Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP8733 Datasheet(PDF) 64 Page - Texas Instruments

Click here to check the latest version.
Part # LP8733
Description  LP8733xx-Q1 Dual High-Current Buck Converter and Dual Linear Regulator
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP8733 Datasheet(HTML) 64 Page - Texas Instruments

Back Button LP8733 Datasheet HTML 60Page - Texas Instruments LP8733 Datasheet HTML 61Page - Texas Instruments LP8733 Datasheet HTML 62Page - Texas Instruments LP8733 Datasheet HTML 63Page - Texas Instruments LP8733 Datasheet HTML 64Page - Texas Instruments LP8733 Datasheet HTML 65Page - Texas Instruments LP8733 Datasheet HTML 66Page - Texas Instruments LP8733 Datasheet HTML 67Page - Texas Instruments LP8733 Datasheet HTML 68Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 85 page
background image
ILIM_FWD_SET_OTP (1.5...4 A, 0.5-A step)
Inductor current =
Forward current
IL_AVG = IOUT
ILIM_FWD_TYP (+7.5%)
ILIM_FWD_MAX (+20%)
ILIM_FWD_MIN (-5%)
1 / fSW
IOUT_MAX < ILIM_FWD_SET_OTP ± 1 A
Minimum 1A guard band
to take current ripple,
inductor inductance
variation into account
IN(max)
OUT
L
SW
(V
V
)
D
I
f
L
u
'
u
OUT
IN(max)
V
D
V
u K
64
LP8733-Q1
SNVSB64 – SEPTEMBER 2018
www.ti.com
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
8.2.1.6 Current Limit vs. Maximum Output Current
The inductor current ripple can be calculated using Equation 1 and Equation 2:
(1)
(2)
Example using Equation 1 and Equation 2:
VIN(max) = 5.5 V
VOUT = 1 V
η = 0.75
fSW = 1.8 MHz
L = 0.38 µH
then D = 0.242 and ΔIL = 1.59 A
Peak current is half of the current ripple. If ILIM_FWD_SET_OTP is 3 A, the minimum forward current limit would be
2.85 A when taking the –5% tolerance into account. In this case the difference between set peak current and
maximum load current = 0.795 A + 0.15 A = 0.945 A.
Figure 31. Current Limit vs Maximum Output Current
8.2.2 Detailed Design Procedure
The performance of the LP8733xx-Q1 device depends greatly on the care taken in designing the printed circuit
board (PCB). The use of low-inductance and low serial-resistance ceramic capacitors is strongly recommended,
while proper grounding is crucial. Attention must be given to decoupling the power supplies. Decoupling
capacitors must be connected close to the device and between the power and ground pins to support high peak
currents being drawn from system power rail during turnon of the switching MOSFETs. Keep input and output
traces as short as possible, because trace inductance, resistance, and capacitance can easily become the
performance limiting items. The separate buck regulator power pins VIN_Bx are not connected together
internally. Connect the VIN_Bx power connections together outside the package using power plane construction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com