Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP8733 Datasheet(PDF) 44 Page - Texas Instruments

Click here to check the latest version.
Part # LP8733
Description  LP8733xx-Q1 Dual High-Current Buck Converter and Dual Linear Regulator
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP8733 Datasheet(HTML) 44 Page - Texas Instruments

Back Button LP8733 Datasheet HTML 40Page - Texas Instruments LP8733 Datasheet HTML 41Page - Texas Instruments LP8733 Datasheet HTML 42Page - Texas Instruments LP8733 Datasheet HTML 43Page - Texas Instruments LP8733 Datasheet HTML 44Page - Texas Instruments LP8733 Datasheet HTML 45Page - Texas Instruments LP8733 Datasheet HTML 46Page - Texas Instruments LP8733 Datasheet HTML 47Page - Texas Instruments LP8733 Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 85 page
background image
44
LP8733-Q1
SNVSB64 – SEPTEMBER 2018
www.ti.com
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
7.6.1.1 DEV_REV
Address: 0x00
D7
D6
D5
D4
D3
D2
D1
D0
DEVICE_ID[1:0]
Reserved
Bits
Field
Type
Default
Description
7:6
DEVICE_ID[1:0]
R
X
Device specific ID code.
5:0
Reserved
R
00 0010
7.6.1.2 OTP_REV
Address: 0x01
D7
D6
D5
D4
D3
D2
D1
D0
OTP_ID[7:0]
Bits
Field
Type
Default
Description
7:0
OTP_ID[7:0]
R
X
Identification Code of the OTP EPROM Version.
7.6.1.3 BUCK0_CTRL_1
Address: 0x02
D7
D6
D5
D4
D3
D2
D1
D0
Reserved
BUCK0_FPWM
_MP
BUCK0_FPWM
BUCK0_RDIS_
EN
BUCK0_EN_PI
N_CTRL
BUCK0_EN
Bits
Field
Type
Default
Description
7:5
Reserved
R/W
000
4
BUCK0_FPWM
_MP
R/W
X
Forces the Buck0 regulator to operate always in multi-phase and forced PWM
operation mode:
0 - Automatic phase adding and shedding.
1 - Forced to multi-phase operation, 2 phases in the 2-phase configuration.
3
BUCK0_FPWM
R/W
X
Buck0 mode selection:
0 - Automatic transitions between PFM and PWM modes (AUTO mode)
1 - Forced to PWM operation.
2
BUCK0_RDIS_EN
R/W
1
Enable output discharge resistor (RDIS_Bx) when Buck0 is disabled:
0 - Discharge resistor disabled
1 - Discharge resistor enabled.
1
BUCK0_EN_PIN
_CTRL
R/W
X
Enable control for Buck0:
0 - only BUCK0_EN bit controls Buck0
1 - BUCK0_EN bit AND EN pin control Buck0.
0
BUCK0_EN
R/W
X
Enable Buck0 regulator:
0 - Buck0 regulator is disabled
1 - Buck0 regulator is enabled.
7.6.1.4 BUCK0_CTRL_2
Address: 0x03
D7
D6
D5
D4
D3
D2
D1
D0
Reserved
BUCK0_ILIM[2:0]
BUCK0_SLEW_RATE[2:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com