Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP8733 Datasheet(PDF) 35 Page - Texas Instruments

Click here to check the latest version.
Part # LP8733
Description  LP8733xx-Q1 Dual High-Current Buck Converter and Dual Linear Regulator
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP8733 Datasheet(HTML) 35 Page - Texas Instruments

Back Button LP8733 Datasheet HTML 31Page - Texas Instruments LP8733 Datasheet HTML 32Page - Texas Instruments LP8733 Datasheet HTML 33Page - Texas Instruments LP8733 Datasheet HTML 34Page - Texas Instruments LP8733 Datasheet HTML 35Page - Texas Instruments LP8733 Datasheet HTML 36Page - Texas Instruments LP8733 Datasheet HTML 37Page - Texas Instruments LP8733 Datasheet HTML 38Page - Texas Instruments LP8733 Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 85 page
background image
Time
Voltage
VOUTx
300 mV
Time
Current
ILIMx
INT_LDO(LDOx_ILIM_INT)
20Ps
nINT
LDO_STAT(LDOx_STAT)
1
Resistive
pull-down
1
Regulator disabled
by digital
Host clearing the interrupt by writing to flags
New startup if
enable is valid
1ms
0
1
0
0
INT_LDO(LDOx_SC_INT)
0
1
0
35
LP8733-Q1
www.ti.com
SNVSB64 – SEPTEMBER 2018
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Figure 21. LDO Regulator Overload Situation
7.3.8.2.2
Thermal Warning
The LP8733xx-Q1 device includes a protection feature against overtemperature by setting an interrupt for host
processor. The threshold level of the thermal warning is selected with TDIE_WARN_LEVEL bit in CONFIG
register.
If the LP8733xx-Q1 device temperature increases above thermal warning level the device sets TDIE_WARN_INT
bit in INT_TOP_1 register and pulls the nINT pin low. The status of the thermal warning can be read from
TDIE_WARN_STAT bit in TOP_STAT register, and the interrupt is cleared by writing 1 to TDIE_WARN_INT bit.
The thermal warning interrupt can be masked by setting TDIE_WARN_MASK bit in TOP_MASK_1 register to 1.
7.3.8.3 Protection (Regulator Disable)
If the regulator is disabled because of protection or fault (short-circuit protection, overload protection, thermal
shutdown, input overvoltage protection, or UVLO), the output power FETs are set to high-impedance mode, and
the output pulldown resistor is enabled (if enabled with BUCKx_RDIS_EN bit in BUCKx_CTRL_1 register and
LDOx_RDIS_EN bit in LDOx_CTRL register). The turnoff time of the output voltage is defined by the output
capacitance, load current, and the resistance of the integrated pull-down resistor. The pulldown resistors are
active as long as VANA voltage is above approximately a 1.2-V level.
7.3.8.3.1
Short-Circuit and Overload Protection
A short-circuit protection feature allows the LP8733xx-Q1 to protect itself and external components against short
circuit at the output or against overload during start-up. For buck and LDO regulators the fault thresholds are
about 350 mV (buck) and 300 mV (LDO), and the protection is triggered and the regulator is disabled if the
output voltage is below the threshold level 1 ms after the regulator is enabled.
In a similar way the overload situation is protected during normal operation. If the output voltage falls below 0.35
V and 0.3 V and remains below the threshold level for 1 ms the regulator is disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com