Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP8733 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # LP8733
Description  LP8733xx-Q1 Dual High-Current Buck Converter and Dual Linear Regulator
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP8733 Datasheet(HTML) 16 Page - Texas Instruments

Back Button LP8733 Datasheet HTML 12Page - Texas Instruments LP8733 Datasheet HTML 13Page - Texas Instruments LP8733 Datasheet HTML 14Page - Texas Instruments LP8733 Datasheet HTML 15Page - Texas Instruments LP8733 Datasheet HTML 16Page - Texas Instruments LP8733 Datasheet HTML 17Page - Texas Instruments LP8733 Datasheet HTML 18Page - Texas Instruments LP8733 Datasheet HTML 19Page - Texas Instruments LP8733 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 85 page
background image
16
LP8733-Q1
SNVSB64 – SEPTEMBER 2018
www.ti.com
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The LP8733xx-Q1 is a high-efficiency, high-performance flexible power supply device with two step-down DC/DC
converter cores (Buck0 and Buck1) and two low-dropout (LDO) linear regulators (LDO0 and LDO1) for
automotive applications. The cores can be configured for a two single-phase output and dual-phase single output
configuration. Table 1 lists the output characteristics of the regulators.
Table 1. Supply Specification
SUPPLY
OUTPUT
VOUT RANGE (V)
RESOLUTION (mV)
IMAX MAXIMUM OUTPUT CURRENT (mA)
Buck0 (single-phase)
0.7 to 3.36
10 (0.7 V to 0.73 V)
5 (0.73 V to 1.4 V)
20 (1.4 V to 3.36 V)
3000
Buck1 (single-phase)
0.7 to 3.36
10 (0.7 V to 0.73 V)
5 (0.73 V to 1.4 V)
20 (1.4 V to 3.36 V)
3000
Buck0/1 (dual-phase)
0.7 to 3.36
10 (0.7 V to 0.73 V)
5 (0.73 V to 1.4 V)
20 (1.4 V to 3.36 V)
6000
LDO0
0.8 to 3.3
100
300
LDO1
0.8 to 3.3
100
300
The LP8733xx-Q1 also supports switching clock synchronization to an external clock (CLKIN pin). The nominal
frequency of the external clock can be from 1 MHz to 24 MHz with 1-MHz steps.
Additional features include:
•
Soft-start
•
Input voltage protection:
–
Undervoltage lockout
–
Overvoltage protection
•
Output voltage monitoring and protection:
–
Overvoltage monitoring
–
Undervoltage monitoring
–
Overload protection
•
Thermal warning
•
Thermal shutdown
The LP8733xx-Q1 has one dedicated general purpose digital output (GPO) signal. CLKIN pin can be
programmed as a second GPO signal (GPO2) if external clock is not needed. The output type (open-drain or
push-pull) is programmable for the GPOs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com