Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP8733 Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # LP8733
Description  LP8733xx-Q1 Dual High-Current Buck Converter and Dual Linear Regulator
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP8733 Datasheet(HTML) 25 Page - Texas Instruments

Back Button LP8733 Datasheet HTML 21Page - Texas Instruments LP8733 Datasheet HTML 22Page - Texas Instruments LP8733 Datasheet HTML 23Page - Texas Instruments LP8733 Datasheet HTML 24Page - Texas Instruments LP8733 Datasheet HTML 25Page - Texas Instruments LP8733 Datasheet HTML 26Page - Texas Instruments LP8733 Datasheet HTML 27Page - Texas Instruments LP8733 Datasheet HTML 28Page - Texas Instruments LP8733 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 85 page
background image
Enable
Time
Voltage
Resistive pull-down
(if enabled)
LDOx_VSET[4:0]
INT_LDO(LDOx_PG_INT)
nINT
Host clears
interrupts
Powergood
interrupts
Powergood
LDO_STAT(LDOx_PG_STAT)
0
0
1
Voltage decrease because of load
LDO_STAT(LDOx_STAT)
0
0
1
0
1
1
0
0
1
0 1
0
LDO_MASK(LDOx_PGF_MASK) = 0
LDO_MASK(LDOx_PGR_MASK) = 0
1
0
25
LP8733-Q1
www.ti.com
SNVSB64 – SEPTEMBER 2018
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Figure 14. LDO Regulator Enable and Disable
The EN input pin have an integrated pulldown resistor. The pulldown resistor is controlled with EN_PD bit in
CONFIG register.
7.3.5.2 Changing Output Voltage
The output voltage of the regulator can be changed by writing to the BUCKx_VOUT / LDOx_VOUT register. The
voltage change for buck regulator is always slew-rate controlled, and the slew-rate is defined by the
BUCKx_SLEW_RATE[2:0] bits in BUCKx_CTRL_2 register. During voltage change the forced PWM mode is
used automatically. If the dual-phase operation is forced by the BUCK0_FPWM_MP bit in BUCK0_CTRL_1
register, the regulator operates in dual-phase mode. If the dual-phase operation is not forced, the number of
phases are added and shedded automatically to follow the required slew rate. When the programmed output
voltage is achieved, the mode becomes the one defined by load current, and the BUCKx_FPWM bit in
BUCKx_CTRL_1 register and by BUCK0_FPWM_MP bit.
The voltage change and Power-Good interrupts are shown in Figure 15.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com